Part Number Hot Search : 
RFHA1000 TGC1430H SCL4070 C2220FBD 08226 374342 A31AD EGP20A07
Product Description
Full Text Search
 

To Download POS-50P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Plug-In
Voltage Controlled Oscillator
5V Tuning for PLL IC's
Features
* 5V tuning voltage range * low phase noise, -113 dBc at 10 kHz offset, typ. * hermetically sealed
POS-50P+ POS-50P
24 to 29 MHz
CASE STYLE: A06 PRICE: $12.95 ea. QTY (5-49)
Applications
* PLL circuitry * measurement instrumentation * frequency synthesizers
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
Electrical Specifications
FREQUENCY POWER TUNING (MHz) OUTPUT VOLTAGE (dBm) (V) PHASE NOISE (dBc/Hz) SSB at offset frequencies: Typ.
1 kHz -92 10 kHz -113 100 kHz -134 1 MHz -151
PULLING PUSHING TUNING HARMONICS 3 dB pk-pk (MHz/V) SENSITIVITY (dBc) MODULATION BANDWIDTH @ 12 dBr (MHz/V) (MHz) (MHz)
Typ. 0.06 Typ. 0.04 Typ. 2-2.5 Typ. -18 Max. -12 Typ. 0.05
DC OPERATING POWER
Vcc (volts) 12 Current (mA) Max. 20
Min. 24
Max. 29
Typ. 10
Min. 0.5
Max. 5.0
Pin Connections
RF OUT VCC V-TUNE GROUND CASE GROUND 2 1 8 3,4,5,6,7 3,4,5,6,7
Maximum Ratings
Operating Temperature Storage Temperature Absolute Max. Supply Voltage (Vcc) Absolute Max. Tuning Voltage (Vtune)
all specifications: 50 ohm system
-55C to 85C -55C to 100C +16V +7V
Outline Drawing
Outline Dimensions ( inch ) mm
A .770 19.558 B .800 20.32 C .285 7.239 D .310 7.874 E .370 9.398 F .400 10.16 G .200 5.08 H .20 5.08 J K .14 .031 3.556 0.7874 wt grams 5.2
Mini-Circuits
ISO 9001 ISO 14001 CERTIFIED RF/IF MICROWAVE COMPONENTS
(R)
minicircuits.com
EW ALL N
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
REV. H M98898 POS-50P FL/TD/CP 070604 Page 1 of 2
Performance Data & Curves
V TUNE
POS-50P Frequency and Tuning Sensitivity (at +25C)
POS-50P+ POS-50P
POWER OUTPUT (dBm) -55C 6.92 7.58 8.30 8.99 9.27 9.29 9.29 9.27 9.23 9.16 9.10 +25C 6.99 8.01 9.01 9.68 10.03 10.03 10.01 9.97 9.91 9.85 9.78 +85C 6.38 7.68 8.94 9.70 9.80 9.80 9.77 9.72 9.65 9.58 9.50
POS-50P Power Output 11
-55C
+25C
+85C
TUNING SENS. (MHz/V) 3.64 3.59 2.74 2.57 2.33 2.03 1.99 1.87 1.92 1.85 1.97
FREQUENCY (MHz) -55C 21.03 22.51 23.72 25.14 26.34 27.42 28.43 29.40 30.37 31.34 32.32 +25C 19.87 21.68 23.17 24.38 25.60 26.65 27.66 28.61 29.58 30.52 31.49 +85C 19.00 21.07 22.73 23.94 25.16 26.25 27.24 28.20 29.14 30.08 31.03
40 35 Frequency (MHz) 30 25 20 15 10 5 0
-55C
+25C
+85C
T SENS.
8 7 6 5 4 3 2 1 Tuning Sensitivity (MHz/V)
Output Power (dBm)
0.00 0.50 1.00 1.50 2.00 2.50 3.00 3.50 4.00 4.50 5.00
10 9 8 7 6 0 1 2 3 Tuning Voltage (V) 4 5
1
2 3 Tuning Voltage (V)
4
5
V TUNE
POS-50P Harmonics Level
HARMONICS (dBc) F2 -15.51 -16.74 -17.90 -18.60 -18.92 -19.22 -19.57 -19.95 -20.26 -20.69 -21.04 F3 -28.42 -29.48 -29.78 -29.95 -30.54 -31.00 -31.04 -31.01 -30.78 -30.54 -30.28 F4 -36.61 -38.42 -39.10 -38.48 -37.60 -36.99 -36.50 -35.98 -35.60 -35.34 -35.11
FREQ. PUSHING (MHz/V) 0.00 0.00 -0.06 -0.13 0.00 -0.06 -0.06 0.06 0.00 0.00 0.00
POS-50P Frequency Pushing (Supply Voltage 12V)
0
F2
F3
F4
Harmonics (dBc)
-10 -20 -30 -40 -50 0 1 2 3 Tuning Voltage (V) 4 5
Pushing (MHz/V)
0.00 0.50 1.00 1.50 2.00 2.50 3.00 3.50 4.00 4.50 5.00
0.2 0.1 0.0 -0.1 -0.2 -0.3 0 1 2 3 Tuning Voltage (V) 4 5
Mini-Circuits
ISO 9001 ISO 14001 CERTIFIED RF/IF MICROWAVE COMPONENTS
(R)
minicircuits.com
EW ALL N
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of POS-50P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X