|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PK-F MINIBRIDGE 12 AMPERES-TAB TERMINALS SINGLE-PHASE, FULL-WA VE BRIDGES HEAT SINK AND CHASSIS MOUNTING T pr his og m ra ar m ki of nd U ica nd te er s w re rit co er g s ni La tio bo n ra u n to de rie r s, the in c c. o m po ne nt PK-F SERIES PRV/Leg Type No. 50V PK05F 100V PK 10F 200V PK 20F 400V PK 40F 600V PK 60F 800V PK 80F 1000V PK100F ELECTRICAL CHARACTERISTICS PER LEG o (at TA=25 C Unless Otherwise Specified)) Average Output Current, Io @ 60 C Tc (Fig.1) o 12 Amp Amp A A Max. Forward Voltage Drop, V F =1.0 V @ I F = Max. DC Reverse Current @ PRV and 25 C, I R Max. DC Reverse Current @ PRV and 100 C, I R Max. Peak Surge Current, I FSM (8.3 ms) Storage Temperature Range, T STG Thermal Resistance (Total Bridge), R0 j-c o o 2.0 3 75 150 -55 to+150 4.3 Typ. O Amp o C C/ W EDI reserves the right to change these specifications at any time without notice. PK-F Figure 1 CURRENT DERATING 12 IF(AV) . AVERAGE FORWARD CURRENT (AMP) 10 BRIDGE OUTPUT RES IND LOADS 8 6 CAPACITIVE LOADS 4 I(PK) I(AV) = 10 20 { 5 2 NOTE: I(PK) / I (AV ) ratio refers to a single diode (leg) 0 40 50 60 70 80 90 100 110 120 130 140 150 160 TC CASE TEMPERATURE ( O C) Figure 2 NON-REPETITIVE SURGE 300 CURRENT 28 Figure 3 POWER DISSIP ATION PT(AV). TOTAL AVERAGE POWER DISSIPATION (WATTS) IFSM PEAK SURGE CURRENT (AMP) 200 150 100 70 50 24 20 16 30 20 12 8 BRIDGE OUTPUT RES IND LOADS 4 1 2 3 4 6 8 10 20 30 40 60 80 100 NUMBER OF CYCLES AT 60 Hz 0 0 2 4 6 8 10 12 IF(AV). AVERAGE FORWARD CURRENT (AMP) PK-F SERIES MECH. OUTLINE Dielectric test voltage 1500 volts rms, max. 50-60Hz .150 DIA. THRU AC , .250 x .032 TH K FASTON 4 PLACES .50 MAX. + AC .30 MAX. EPOXY .85 MAX. METAL BASE NOTE: A thin film of silicone thermal compound is recommended between the Minibridge case and mounting surface for improved thermal conduction. ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951. 21 GRAY OAKS AVENUE * YONKERS. NEW YORK 10710 914-965-4400 * FAX 914-965-5531 * 1-800-678-0828 Ee-mail:sales@edidiodes.com * Wwebsite: http://www.edidiodes.com |
Price & Availability of PK80F |