Part Number Hot Search : 
LA7391A 1N747C FMM5829X 00080 80N06 MMBZ525 7MBR2 STR30110
Product Description
Full Text Search
 

To Download PF150HF-0100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Precision Frequency Standard
2111 Comprehensive Drive Aurora, Illinois 60505 Phone: 630-851-4722 Fax: 630-851-5040 www.conwin.com US Headquarters 630-851-4722: European Headquarters: +353-61-472221
04 07 1LF Z 15 PF .0MH 10
PF-Series
Oven Controlled Crystal Oscillators 3.3V / 5.0V Series LVCMOS / HCMOS Series VCOCXO / OCXO
04 07 1LF 5 F2 MHZ P .8 12
14 Pin DIP Package OCXO Series
Description The Connor-Winfield 14 Pin DIP Oven Stabilized Crystal Controlled Oscillators (OCXO) series and Voltage Controlled Oven Stabilized Crystal Controlled Oscillators (VCOCXO) series are designed for use in applications requiring stabilities of +/-0.05ppm to +/0.25ppm. Features Frequency Range: 6.4 MHz to 40 MHz OCXO - Fixed Frequency VCOCXO - Voltage Controlled 3.3V or 5.0V Operation LVCMOS or HCMOS Output Logic Frequency Stabilities Available: PF150xx Series: 0.05ppm PF151xx / PF161xx Series: 0.10ppm PF152xx / PF162xx Series: 0.15ppm PF153xx / PF163xx Series: 0.20ppm PF154xx / PF164xx Series: 0.25ppm Temperature Ranges Available: PF15xxx Series: 0 to 70C PF16xxx Series: -40 to 85C Low Jitter <1pS RMS 14 Pin DIP Package RoHS Compliant / Lead Free
14x20mm Surface Mount Package OCXO Series
Description The Connor-Winfield 14x20mm Oven Stabilized Crystal Controlled Oscillators (OCXO series) and Voltage Controlled Oven Stabilized Crystal Controlled Oscillators (VCOCXO series) are designed for use in applications requiring stabilities of +/-0.05ppm to +/-0.25ppm. Features Frequency Range: 6.4 to 40 MHz OCXO - Fixed Frequency VCOCXO - Voltage Controlled 3.3V or 5.0V Operation LVCMOS or HCMOS Output Logic Frequency Stabilities Available: PF250xx Series: 0.05ppm PF251xx / PF261xx Series: 0.10ppm PF252xx / PF262xx Series: 0.15ppm PF253xx / PF263xx Series: 0.20ppm PF254xx / PF264xx Series: 0.25ppm Temperature Ranges Available: PF25xxx Series: 0 to 70C PF26xxx Series: -40 to 85C Low Jitter <1pS RMS Surface Mount Package Tape and Reel Packing RoHS Compliant / Lead Free
Standard Frequencies: (Additional Frequencies are Available) 6.4 MHz, 8.192MHz, 9.72 MHz, 10.0 MHz,12.8 MHz,16.384 Hz, 19.44 MHz, 20.0 MHz 40.0 MHz , Ordering Information 010.0M L F 5 PF 1 1
Bulletin Page Revision Date Cx123 1 of 4 01 25 Jun 2008
Specifications subject to change without notice. All dimensions in inches. (c) Copyright 2008 The Connor-Winfield Corporation
Type: Temperature Range: Package Type: Precision 5 = 0 to 70 C 1 = 14 Pin DIP Frequency 6 = -40 to 85 C 2 = SMT 20x14mm Standard OCXO VCOCXO
Frequency Stability: 0 = +/-0.05ppm 1 = +/-0.10ppm 2 = +/-0.15ppm 3 = +/-0.20ppm 4 = +/-0.25ppm
Output Frequency: Supply Voltage / Output: Output: F = Fixed Frequency M = MHz L = 3.3Vdc / LVCMOS V = Voltage Controlled xxx.xxM H = 5.0Vdc / HCMOS
2111 Comprehensive Drive Aurora, Illinois 60505 Phone: 630-851-4722 Fax: 630-851-5040
Model Specifications
DIP Package Model Number SM Package Model Number Frequency Range Frequency Stability Temperature Range Supply Voltage OCXO / VCOCXO DIP Package Model Number SM Package Model Number Frequency Range Frequency Stability Temperature Range Supply Voltage OCXO / VCOCXO DIP Package Model Number SM Package Model Number Frequency Range Frequency Stability Temperature Range Supply Voltage OCXO / VCOCXO DIP Package Model Number SM Package Model Number Frequency Range Frequency Stability Temperature Range Supply Voltage OCXO / VCOCXO DIP Package Model Number SM Package Model Number Frequency Range Frequency Stability Temperature Range Supply Voltage OCXO / VCOCXO
www.conwin.com
PF15xxx / PF16xxx - Series
PF150LF PF250LF PF150HF PF250HF PF150LV PF250LV PF150HV PF250HV
Note:
04 07 1LF Z 15 PF .0MH 10
3.3 Vdc OCXO
6.4 to 40 MHz 0.05ppm 0 to 70C 5.0 Vdc 3.3 Vdc OCXO VCOCXO
1.2 5.0 Vdc VCOCXO
PF25xxx / PF26xxx - Series
Note:
04 07 1LF Z 25 PF .8MH 2 1
PF151LF PF251LF
PF151HF PF251HF
PF151LV PF251LV
PF151HV PF251HV
3.3 Vdc OCXO
6.4 to 40 MHz 0.10ppm 0 to 70C 5.0 Vdc 3.3 Vdc OCXO VCOCXO
1.2 5.0 Vdc VCOCXO
FEATURES
Note:
PF161LF PF261LF
PF161HF PF261HF
PF161LV PF261LV
PF161HV PF261HV
3.3 Vdc OCXO
6.4 to 40 MHz 0.10ppm -40 to 85C 5.0 Vdc 3.3 Vdc OCXO VCOCXO
1.2 5.0 Vdc VCOCXO
PF152LF PF252LF
PF152HF PF252HF
PF152LV PF252LV
PF152HV PF252HV
Note:
3.3 Vdc OCXO
6.4 to 40 MHz 0.15ppm 0 to 70C 5.0 Vdc 3.3 Vdc OCXO VCOCXO
1.2 5.0 Vdc VCOCXO
PF162LF PF262LF
PF162HF PF262HF
PF162LV PF262LV
PF162HV PF262HV
Note: 1.2
3.3 Vdc OCXO
6.4 to 40 MHz 0.15ppm -40 to 85C 5.0 Vdc 3.3 Vdc OCXO VCOCXO
5.0 Vdc VCOCXO
DIP Package Model Number SM Package Model Number Frequency Range Frequency Stability Temperature Range Supply Voltage OCXO / VCOCXO DIP Package Model Number SM Package Model Number Frequency Range Frequency Stability Temperature Range Supply Voltage OCXO / VCOCXO DIP Package Model Number SM Package Model Number Frequency Range Frequency Stability Temperature Range Supply Voltage OCXO / VCOCXO DIP Package Model Number SM Package Model Number Frequency Range Frequency Stability Temperature Range Supply Voltage OCXO / VCOCXO
PF153LF PF253LF
PF153HF PF253HF
PF153LV PF253LV
PF153HV PF253HV
Note: 1.2
3.3 Vdc OCXO
6.4 to 40 MHz 0.20ppm 0 to 70C 5.0 Vdc 3.3 Vdc OCXO VCOCXO
OCXO - Fixed Frequency VCOCXO - Voltage Controlled Frequency Range: 6.4 to 40 MHz 3.3V or 5.0V Operation LVCMOS / HCMOS Output Logic PF15xxx / PF16xxx Series -14 Pin DIP Package PF25xxx / PF26xxx Series -Surface Mount Package Frequency Stabilities Available: PF150xx Series: 0.05ppm PF151xx / PF161xx Series: 0.10ppm PF251xx / PF261xx Series: 0.10ppm PF152xx / PF162xx Series: 0.15ppm PF252xx / PF262xx Series: 0.15ppm PF153xx / PF163xx Series: 0.20ppm PF253xx / PF263xx Series: 0.20ppm PF154xx / PF164xx Series: 0.25ppm PF254xx / PF264xx Series: 0.25ppm Temperature Ranges Available: PF15xxx: 0 to 70C PF16xxx: -40 to 85C Low Jitter <1pS RMS Tape and Reel Packaging RoHS Compliant / Lead Free
5.0 Vdc VCOCXO
PF163LF PF263LF
PF163HF PF263HF
PF163LV PF263LV
PF163HV PF263HV
Note: 1.2
PIN CONNECTIONS
Pin 1 7 8 14 Function OCXO - N/C VCOCXO - Voltage Control Ground (Case) Output Vcc
3.3 Vdc OCXO
6.4 to 40 MHz 0.20ppm -40 to 85C 5.0 Vdc 3.3 Vdc OCXO VCOCXO
5.0 Vdc VCOCXO
PF154LF PF254LF
PF154HF PF254HF
PF154LV PF254LV
PF154HV PF254HV
Note:
ORDERING INFORMATION
1.2
3.3 Vdc OCXO
6.4 to 40 MHz 0.25ppm 0 to 70C 5.0 Vdc 3.3 Vdc OCXO VCOCXO
PF151LF
5.0 Vdc VCOCXO
OCXO SERIES
-
010.0 M
CENTER FREQUENCY
PF164LF PF264LF
PF164HF PF264HF
PF164LV PF264LV
PF164HV PF264HV
Note: 1.2
3.3 Vdc OCXO
6.4 to 40 MHz 0.25ppm -40 to 85C 5.0 Vdc 3.3 Vdc OCXO VCOCXO
5.0 Vdc VCOCXO
Note: 1.2) Frequency stability vs. change in temperature.
Specifications subject to change without notice. All dimensions in inches. (c) Copyright 2008 The Connor-Winfield Corporation
US Headquarters: 630-851-4722 European Headquarters: +353-61-472221
Bulletin Page Revision Date
Cx123 2 of 4 01 25 Jun 2008
2111 Comprehensive Drive Aurora, Illinois 60505 Phone: 630-851-4722 Fax: 630-851-5040 www.conwin.com
3.3V LVCMOS Model Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER Storage Temperature Supply Voltage Control Voltage (Vcc) (Vc) UNITS MINIMUM -55 -0.5 -0.5 NOMINAL MAXIMUM 125 4.5 4.5 UNITS C Vdc Vdc TABLE 2.3 MINIMUM -1.0 See Page 2 -0.05 -30 -1.0 -4.6 (Vcc) 3.13 3.3 1.00 E-10 -90 -120 -140 -150 0.05 30 1.0 4.6 3.47 1.5 2.7 3 1 1 35 5 dBc/Hz dBc/Hz dBc/Hz dBc/Hz ms Minutes 7.3 TABLE 3.3 MINIMUM (Vc) 0.3 5 3.7 100k NOMINAL 1.5 -7 7 MAXIMUM 3.0 -5 UNITS Vdc ppm ppm ppm/V Ohm TABLE 4.3 MINIMUM (High) (Low) Current (High) (Low) Duty Cycle at 50% of Vcc Rise / Fall Time 10% to 90% (Voh) (Vol) (Ioh) (Iol) 2.6 -4 45 NOMINAL 15 50 MAXIMUM 0.4 4 55 6 UNITS pF Vdc Vdc mA mA % nS NOTE 8.3 8.3 NOTE 6.3 6.3 6.3 6.3 NOMINAL MAXIMUM 1.0 UNITS ppm ppm ppm ppb ppm ppm Vdc Watts Watts pS RMS pS RMS pS RMS 5.3 NOTE 1.3, 4.3 2.3 3.3 4.3 TABLE 1.3 NOTE
5.0V HCMOS Model Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER Storage Temperature Supply Voltage Control Voltage (Vcc) (Vc) UNITS MINIMUM -55 -0.5 -0.5 NOMINAL MAXIMUM 125 4.5 4.5 UNITS C Vdc Vdc TABLE 7.3 MINIMUM -1.0 See Page 2 -0.05 -30 -1.0 -4.6 (Vcc) 4.75 5.0 1.00 E-10 -90 -120 -140 -150 0.05 30 1.0 4.6 5.25 1.5 2.7 3 1 1 35 5 dBc/Hz dBc/Hz dBc/Hz dBc/Hz ms Minutes 15.3 TABLE 8.3 MINIMUM (Vc) 0.5 5 3.7 100k NOMINAL 2.0 -7 7 MAXIMUM 4.1 -5 UNITS Vdc ppm ppm ppm/V Ohm TABLE 9.3 MINIMUM (High) (Low) Current (High) (Low) Duty Cycle at 50% of Vcc Rise / Fall Time 10% to 90% (Voh) (Vol) (Ioh) (Iol) Vcc-0.5 -4 45 NOMINAL 15 50 MAXIMUM 0.4 4 55 6 UNITS pF Vdc Vdc mA mA % nS NOTE 16.3 16.3 NOTE 14.3 14.3 14.3 14.3 NOMINAL MAXIMUM 1.0 UNITS ppm ppm ppm ppb ppm ppm Vdc Watts Watts pS RMS pS RMS pS RMS 13.3 NOTE 9.3, 12.3 10.3 11.3 123 TABLE 6.3 NOTE
OPERATING SPECIFICATIONS
PARAMETER Frequency Calibration Frequency Stability Frequency vs. Change in Supply Voltage Aging (Daily) Aging (1st year) Total Frequency Tolerance (20 years) Supply Voltage Supply Power (0 to 70C) Supply Power (-40 to 85C) Phase Jitter (BW =10Hz to Fo/2) Phase Jitter (BW =10KHz to Fo/2) Period Jitter Allan Variance (1 Second) SSB Phase Noise at 10Hz offset SSB Phase Noise at 100Hz offset SSB Phase Noise at 1KHz offset SSB Phase Noise at 10KHz offset Start-Up Time: Oscillator Warm Up Time
OPERATING SPECIFICATIONS
PARAMETER Frequency Calibration Frequency Stability Frequency vs. Change in Supply Voltage Aging (Daily) Aging (1st year) Total Frequency Tolerance (20 years) Supply Voltage Supply Power (0 to 70C) Supply Power (-40 to 85C) Phase Jitter (BW =10Hz to Fo/2) Phase Jitter (BW =10KHz to Fo/2) Period Jitter Allan Variance (1 Second) SSB Phase Noise at 10Hz offset SSB Phase Noise at 100Hz offset SSB Phase Noise at 1KHz offset SSB Phase Noise at 10KHz offset Start-Up Time: Oscillator Warm Up Time
VCOCXO CHARACTERISTICS
PARAMETER Control Voltage Range Frequency at Vc=0.3 Vdc Frequency at Vc=3.0 Vdc Slope of Frequency Adjust Input Impedance
VCOCXO CHARACTERISTICS
PARAMETER Control Voltage Range Frequency at Vc=0.5 Vdc Frequency at Vc=4.1 Vdc Slope of Frequency Adjust Input Impedance
LVCMOS OUTPUT CHARACTERISTICS
PARAMETER LOAD Voltage
HCMOS OUTPUT CHARACTERISTICS
PARAMETER LOAD Voltage
PACKAGE CHARACTERISTICS
PF1xxxx-Series DIP Package PF2xxxx-Series Surface Mount Package
TABLE 5.3 14 pin DIP, hermetically sealed, grounded, welded package. Surface Mount, Non-hermetic package consisting of an FR4 substrate with grounded metal cover.
PACKAGE CHARACTERISTICS
PF1xxxx-Series DIP Package PF2xxxx-Series Surface Mount Package
TABLE 10.3 14 pin DIP, hermetically sealed, grounded, welded package. Surface Mount, Non-hermetic package consisting of an FR4 substrate with grounded metal cover.
Notes: 1.3) Initial calibration @ 25C. VCOCXO model Vc = 1.50 Vdc. 2.3) Frequency stability vs. Change in temperature, referenced to 25C. 3.3) Frequency stability per 5% change in supply voltage. 4.3) At the time of shipment after 48 hours of operation. 5.3) Inclusive of calibration, operating temperature range, supply voltage change, shock and vibration 20 years aging, VCOCXO models Vc=1.5V. 6.3) Typical phase noise, results will vary depending on center frequency. The phase noise shown are typical for 20 MHz. 7.3) Measured @ 25C, within 5 minutes, the unit will be within +/-0.1ppm of its reference frequency, measured after 30 minutes of continuous operation at a stable 25C. 8.3) VCOCXO models pullability referenced to Fo @ 25C, Positive Transfer Characteristic.
Notes: 9.3) Initial calibration @ 25C. VCOCXO model Vc = 2.0 Vdc. 10.3) Frequency stability vs. Change in temperature, referenced to 25C. 11.3) Frequency stability per 5% change in supply voltage. 12.3) At the time of shipment after 48 hours of operation. 13.3) Inclusive of calibration, operating temperature range, supply voltage change, shock and vibration 20 years aging, VCOCXO models Vc=2.0V. 14.3) Typical phase noise, results will vary depending on center frequency. The phase noise shown are typical for 20 MHz. 15.3) Measured @ 25C, within 5 minutes, the unit will be within +/-0.1ppm of its reference frequency, measured after 30 minutes of continuous operation at a stable 25C. 16.3) VCOCXO models pullability referenced to Fo @ 25C, Positive Transfer Characteristic.
US Headquarters: 630-851-4722 European Headquarters: +353-61-472221
Specifications subject to change without notice. All dimensions in inches. (c) Copyright 2008 The Connor-Winfield Corporation
Bulletin Page Revision Date
Cx123 3 of 4 01 25 Jun 2008
2111 Comprehensive Drive Aurora, Illinois 60505 Phone: 630-851-4722 Fax: 630-851-5040 www.conwin.com
14 Pin DIP Package Environmental Characteristics
ENVIRONMENTAL CHARACTERISTICS Temperature Cycle: Per MIL-STD-883, Method 1010, Condition B. -55C to 125C, 300 cycles, 10 minute dwell, 1minute transition. Gross Leak Test: Per MIL-STD-202, Method 112, Condition D. No Bubbles in flourinert (FC-43) at 125C 5C for 20 seconds. SOLDERING Pin Solderability: Per MIL-STD-883, Method 2003. 8 hour steam age prior to 254C 5C Solder pot dip, 95% Coverage. Resistance to Solder Heat: Per MIL-STD-202, Method 210, Condition C. Wave: Topside boardmount product, 260C 5C for 20 seconds. MECHANICAL CHARACTERISTICS Vibration: Per MIL-STD-202, Method 204, Condition A. 10G's peak, 10Hz to 500Hz, 15 minute cycles 12 times each perpendicular axis. Shock: Per MIL-STD-202, Method 213, Condition F. 1500G's, 0.5ms, half sine, 3 shocks per direction. Moisture Resistance: Per MIL-STD-202, Method 106. 95% RH @ 65C, 10 cycles 10C to 65C.
14 Pin DIP Package Outline
CW 0704 PF151LF 10.0 MHZ
Dimensional Tolerance: .005 (.127mm) .02 (.508mm)
Surface Mount Package Outline
.330 max (8.382mm)
Surface Mount Package Environmental Characteristics
ENVIRONMENTAL CHARACTERISTICS Temperature Cycle: Per MIL-STD-883, Method 1010, Condition B. -55C to 125C, 300 cycles, 10 minute dwell, 1minute transition. MECHANICAL CHARACTERISTICS Vibration: Per MIL-STD-202, Method 204, Condition A. 10G's peak, 10Hz to 500Hz, 15 minute cycles 12 times each perpendicular axis. Shock: Per MIL-STD-202, Method 213, Condition F. 1500G's, 0.5ms, half sine, 3 shocks per direction. Moisture Resistance: Per MIL-STD-202, Method 106. 95% RH @ 65C, 10 cycles 10C to 65C.
Suggested Pad Layout
CW 0704 PF251LF 12.8MHZ
Keep Out Area
Solder Profile
.830 (21.08mm)
.565 (14.35mm)
Output Waveform
Pin Connections
Pin 1 7 8 14 Function OCXO - N/C VCOCXO - Voltage Control Ground (Case) Output Vcc
90%
Tape and Reel Information
50% 10%
Test Circuit
14
1
8 7
15 pF
OCXO - N/C VCOCXO - VC
US Headquarters: 630-851-4722 European Headquarters: +353-61-472221
Specifications subject to change without notice. All dimensions in inches. (c) Copyright 2008 The Connor-Winfield Corporation
Bulletin Page Revision Date
Cx123 4 of 4 01 25 Jun 2008


▲Up To Search▲   

 
Price & Availability of PF150HF-0100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X