Part Number Hot Search : 
VC0201 30010 PO0R4 WF5025 1M50V SPP34 MBR30H OM1055
Product Description
Full Text Search
 

To Download PDZ-2B-1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PDZ-2B Series
0POWER DIVIDERS / COMBINERS
1 to 1800 MHz / 2-Way / Broadband / Low Profile, CaseFree Package / Low Weight <0.01 oz.
PRINCIPAL SPECIFICATIONS
Model Number Frequency Range, MHz Frequency Isolation, Performance, dB, MHz Min. Typ. 1 - 500 50 - 1000 1000 - 1800 25 20 15 30 24 20 Insertion Loss, dB, Max. Typ. 0.7 0.8 2.0 0.4 0.5 1.5 Amplitude Balance, dB, Max. Typ. 0.2 0.4 0.5 0.1 0.3 0.4 Phase Balance, Max. Typ. 2 4 8 1 2 4 VSWR Max. Typ. 1.3:1 1.2:1 1.5:1 1.3:1 1.8:1 1.6:1
PDZ-2B-50 1 - 100 PDZ-2B-1000 50 - 1800
B - Outline
Pad No. 1 2 3 4 Function Output Input No Connection Output
GENERAL SPECIFICATIONS
Coupling: Impedance: CW Input Power: - 3.0 dB 50 nom. 250 mW max.
(When used as divider with 1.2:1 VSWRout)
Internal Load Dissipation: 50 mW max. Weight, nominal: 0.007 oz. (200 mg) Operating Temperature: -55 to +85C
General Notes:
NOTES:
1. Tolerance on 3 place decimals .010(.25) except as noted. 2. Dimensions in inches over mm.
1. The PDZ-2B series is a CaseFree, lumped element power divider designed for size and process compatibility with MMIC and similar devices. The low 0.130" profile allows it to be mounted into a low profile hermetic package with other miniature components using silver epoxy, solder or wire bonding attachment methods. 2. The basic power divider is a hybrid junction with one of its ports internally terminated. For in-phase power division, such as the PDZ-2B series, the E port is internally terminated. 3. These units employ a broadband, high isolation design using lumped element technology mounted on a metallized alumina substrate. Similar units are available in surface mount and other similar packages.
27Mar96
RRIMAC/ 41 Fairfield Pl., West Caldwell, NJ, 07006 / F further inform or ation contact ME
973-575-1300 / FAX 973-575-0531


▲Up To Search▲   

 
Price & Availability of PDZ-2B-1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X