Part Number Hot Search : 
4040D 040AS IS25C 1H221 TLC4066 2C508 DDZX9711 154MS
Product Description
Full Text Search
 

To Download NTE2902 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2902
N-Channel Silicon Junction Field Effect Transistor
Description: The NTE2902 is a field effect transistor in a TO92 type package designed for use in VHF/UHF amplifier applications. Absolute Maximum Ratings: (Note 1) Drain-Source Voltage, VDS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Gate-Source Voltage, VGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Forward Gate Current, IGF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA Total Device Dissipation (TA = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 350mW Derate Above +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.8mW/C Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +125C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Note 1. Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Symbol Test Conditions Min -25 -2.0 24 Typ Max -1.0 -1.0 -6.5 60 1.0 Unit V nA A V mA V
OFF Characteristics
Gate-Source Breakdown Voltage Gate Reverse Current Gate-Source Cutoff Voltage V(BR)GSS IG = 1.0A, VDS = 0 IGSS VGS(off) IDSS VGS(f) VGS = 15V, VDS = 0 TA = +25C TA = +125C
VDS = 10V, ID = 1nA VDS = 10V, VGS = 0, Note 2 VDS = 0, IG = 1mA
ON Characteristics
Zero-Gate Voltage Drain Current Gate-Source Forward Voltage
Note 2. Pulse test: Pulse Width 300s, Duty Cycle 3%.
Electrical Characteristics (Cont'd): (TA = +25C unless otherwise specified)
Parameter Symbol Re(yis) Re(yos) gos Gpg Re(yfs) gfs Re(yig) gfg gog Cgd Cgs en VDS = 0, VGS = -10V, f = 1MHz Test Conditions f = 100MHz f = 100MHz f = 1kHz f = 100MHz f = 100MHz f = 1kHz f = 100MHz VDS = 10V, ID = 10mA, f = 1kHz Min 8000 Typ 0.5 0.25 16 12 12 150 150 1.8 4.3 10 Max 250 2.5 5.0 Unit mmhos mmhos mhos dB mmhos mmhos mhos mhos pF pF nV/Hz
Small-Signal Characteristics
Common- Source Input Conductance Common-Source Output Conductance Common-Gate Power Gain Common-Source Forward Transconductance Common-Gate Input Conductance Common-Gate Forward Transconductance Common-Gate Output Conductance Gate-Drain Capacitance Gate-Source Capacitance VDS = 10V, ID = 10mA
18000 mhos
Functional Characteristics
Equivalent Short-Circuit Input Noise Voltage VDS = 10V, ID = 10mA, f = 100Hz
.135 (3.45) Min .210 (5.33) Max
Seating Plane
.500 (12.7) Min
.021 (.445) Dia Max
GSD .100 (2.54) .050 (1.27) .165 (4.2) Max .105 (2.67) Max .205 (5.2) Max .105 (2.67) Max


▲Up To Search▲   

 
Price & Availability of NTE2902

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X