![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Preset counters electronic 1 preset, timer programmable Display LED, 5-digits, programmable NE210 Features - Preset counter with one preset - Display 5-digits - Operating mode, start count, scaling factor programmable - Connection: Incremental encoder or digital sensors - Time meter with four time ranges - Time relay with operation and release delay - Programmable as a time counter NE210 - LED Preset counter Technical data - electrical ratings Voltage supply 22...50 VAC (50/60 Hz) 85...265 VAC (50/60 Hz) 24 VDC 10 % 5 VA, 5 W 24 VDC 20 % / 100 mA LED, 7-segment display 5-digits 7.6 mm Preset counter Main counter with 1 preset 0.001...99.999 Adding or subtracting A-B (difference counting) A+B total (parallel counting) Up/Down A 90 B phase evaluation 15 Hz, 10 kHz (set by Dip switch) Main preset, Time meter / time relay >10 years in EEPROM Button, electric or automatic NPN / PNP transistor switch Potential-free change-over contact 0.01...99.99 s Protection class II Overvoltage category II Pollution degree 2 DIN EN 61000-6-4 DIN EN 61000-6-2 Approvals Technical data - electrical ratings Programmable parameters Operating modes Sensor logic Scaling factor Count mode Time relay function UL/cUL, CE conform Power consumption Sensor supply Display Number of digits Digit height Function Scaling factor Count modes Technical data - mechanical design Operating temperature Storing temperature Relative humidity E-connection Core cross-section Protection DIN EN 60529 Operation / keypad Housing type Dimensions W x H x L Installation depth Mounting Cutout dimensions Materials Weight approx. 0...+50 C -20...+70 C 80 % non-condensing Plug-in screw terminals 1.5 mm IP 65 face with seal Membrane with softkeys Built-in housing 48 x 48 x 108 mm 108 mm Clip frame 45 x 45 mm (+0.6) Housing: Makrolon 6485 (PC) Keypad: Polyester 150 g Subject to modification in technic and design. Errors and omissions excepted. 30/10/2008 Counting frequency Operating modes Data memory Reset Outputs electronic Outputs relay Output holding time Standard DIN EN 61010-1 Emitted interference Interference immunity 1 www.baumerivo.com Preset counters electronic 1 preset, timer programmable Display LED, 5-digits, programmable NE210 Part number NE210.0 AXA1 Voltage supply 1 22...50 VAC 2 85...265 VAC 3 24 VDC 1 2 3 4 Accessories Adaptor plates (page %S) Z 118.033 Z 118.034 Z 118.035 Adaptor plate for screw mount, face 60 x 75 mm Adaptor plate for clip mount, face 53.2 x 53.2 mm Adaptor plate for clip mount, face 60 x 75 mm Outputs Relay output Relay, signal output PNP Relay, signal output NPN Without relay, signal output PNP Block circuit diagram Voltage supply + Signal input A B Reset Coding for input logic NPN Br. 11-13 PNP Br. 11-12 7 8 9 A 90B Sensor supply + 2 3 Main counter with 1 preset start count scaling factor 12 13 4 5 6 10 electr. output Relay output Timer Time relay 11 Trigger level Optocoupler inputs Control inputs Count input Trigger current Switch-off current Input resistance Reset input Trigger current Switch-off current Input resistance Relay output Switching voltage max. Switching current max. Switching capacity max. Relay responding time 5...8 mA <0.5 mA 3.3 k Output circuit 250 VAC / 110 VDC 1A 150 VA / 30 W 5 ms Subject to modification in technic and design. Errors and omissions excepted. 30/10/2008 Input circuit PNP- / NPN-logic 9...16 mA <0.5 mA 1.65 k Connection diagram 13 12 11 10 9 8 7 +24V 0V NPN Br. 11-13 PNP Br. 11-12 Electr. output B A Count Reset Sensor supply Electronical outputs Output circuit PNP-switching transistor Open collector Supply voltage 2 1 6 5 4 3 Switching voltage Switching current max. 24 VDC 20% 10 mA (AC) 50 mA (DC) 35 V 50 mA End contact NPN-switching transistor Open collector max. 265 V terminal - terminal / - terminal Switching voltage max. Switching current max. Dimensions 60.8 48 108 18.5 1-6 7 48 2 www.baumerivo.com |
Price & Availability of NE210033AXA1
![]() |