Part Number Hot Search : 
Z40RD331 CMX624D2 5SMC56 22100 BN1A3Q 0675003 D5702 2SJ246
Product Description
Full Text Search
 

To Download MUR420 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR420
Reverse Voltage 200 Volts
Features
Plastic package has Underwriters Laboratories Flammability Classification 94V-0 Ideally suited for use in very high frequency switching power supplies, inverters and as a free wheeling diode Ultrafast recovery time for high efficiency Glass passivated junction High temperature soldering guaranteed: 250oC/10seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3Kg) tension
Ultrafast Plastic Rectifier Forward Current 4.0 Amperes
Mechanical Data
Cases: JEDEC DO-201AD, molded plastic body over passivated chip Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting position: Any Weight: 0.045 ounce, 1.2 grams
Maximum Ratings and Electrical Characteristics
Rating at 25C ambient temperature unless otherwise specified.
Parameter Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current at TA=80oC (See figure 1) Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage (Note 1) Maximum instantaneous reverse current at rated DC blocking voltage (Note 1) Maximum reverse recovery time at IF=0.5A, IR=1.0A, Irr=0.25A Maximum reverse recovery time at IF=1.0A, di/dt=50A/us, VR=30V, Irr=10% IRM Maximum forward recovery time at IF=1.0A, di/dt=100A/us, recovery to 1.0V Typical thermal resistance junction to ambient (Note 2) Operating junction and storage temperature range
Notes:
Symbols VRRM VRWM V DC IF(AV) IFSM
o
MUR420 200 200 400 4.0 125.0 0.710 0.875 0.890 5.0 150 25 35 25 28 -55 to +175
Units Volts Volts Volts Amps Amps Volts uA uA nS nS nS
o
at 3.0A, TJ=150 C at 3.0A, TJ=25oC at 4.0A, TJ=25oC TJ=25 C TJ=150oC
o
VF IR trr trr tf r RJA TJ, TSTG
C/W
o
C
1. Pulse test: tp=300us, duty cycle < 2% 2. Lead length = 1/2" on P.C. Board with 1.2" x 1.2" copper surface
251
RATINGS AND CHARACTERISTIC CURVES
(TA = 25oC unless otherwise noted)
252


▲Up To Search▲   

 
Price & Availability of MUR420

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X