Part Number Hot Search : 
CE82C 40031AIL 10C221 LC758 1N5742C 4148SE 1N5742C AN4474
Product Description
Full Text Search
 

To Download MJD45H11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Complementary Power Transistors MJD45H11
TO-252
Transistors
Unit: mm 2.30
+0.8 0.50-0.7 +0.1 -0.1
Features
Lead Formed for Surface Mount Applications in Plastic Sleeves Fast Switching Speeds
+0.2 9.70 -0.2
+0.15 1.50 -0.15
6.50 +0.2 5.30-0.2
+0.15 -0.15
Complementary Pairs Simplifies Designs Pb?Free Packages are Available
+0.1 0.80-0.1
+0.15 0.50 -0.15
0.127 max
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50 -0.1
+0.25 2.65 -0.1
+0.15 5.55 -0.15
1 Base 2 Collector 3 Emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector-emitter voltage Emitter-base voltage Collector current Collector current (pulse) Total Device Dissipation FR-5 Board @TA = 25 Derate above 25 Total Device Dissipation Alumina Substrate @TA = 25 Derate above 25 Junction temperature Storage temperature Thermal Resistance, Junction?to?Case Thermal Resistance, Junction-to-Ambient Lead Temperature for Soldering Symbol VCEO VEB IC ICP PD Rating 80 5 8 16 20 0.16 1.75 0.014 150 -55 to +150 6.25 71.4 260 /W /W Unit V V A A W W/ W W/
PD Tj Tstg ReJC ReJA TL
3.80
www.kexin.com.cn
1
SMD Type
MJD45H11
Electrical Characteristics Ta = 25
Parameter Collector-emitter sustaining voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage Base-emitter saturation voltage DC current gain Collector capacitance Current-gain-bandwidth product *2 Delay and rise times Storage time Fall time Symbol Testconditons Min 80
Transistors
Typ
Max
Unit V
VCEo(sus) IC = 30 mA, IB = 0 ICES IEBO VCE = Rated VCEO,VEB = 0 VBE = 5V, IC = 0
10 50 1 1.5 60 40 230 40 135 500 100
iA iA V V
VCE(sat) IC = 8 A, IB = 0.4 A VBE(sat) IC = 8 A, IB = 0.8 A hFE Ccb fT td + tr ts tf IC = 2 A, VCE = 1 V IC = 4 A, VCE = 1 V VCB = 10 V,ftest = 1 MHz IC = 0.5 A,VCE = 10 V,f = 20 MHz IC = 5 A, IB1 = 0.5 A IC = 5 A, IB1 = IB2 = 0.5 A IC = 5 A, IB1 = IB2 = 0.5 A
pF MHz ns ns ns
Marking
Marking J45H11
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of MJD45H11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X