Part Number Hot Search : 
KA3843 BA6124 3N60LSD 91600 91600 1606FCT 91600 7D477
Product Description
Full Text Search
 

To Download MJ2955 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
DESCRIPTION *With TO-3 package *Complement to type MJ2955 *DC current gain -hFE = 20-70 @ IC = 4 Adc *Excellent safe operating area APPLICATIONS *Designed for general-purpose switching and amplifier applications. PINNING(see Fig.2)
PIN 1 2 3 Base Emitter Collector DESCRIPTION
MJ2955
Fig.1 simplified outline (TO-3) and symbol
ABSOLUTE MAXIMUM RATINGS(TC=25 )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -100 -60 -7 -15 -7 115 150 -65~200 UNIT V V V A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case VALUE 1.52 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter sustaining voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain Second breakdown collector current With base forward biased Transition frequency CONDITIONS IC=-0.2A ;IB=0 IC=-0.2A ;RBE=100Ohm IC=-4A; IB=-0.4A IC=-10A ;IB=-3.3A IC=-4A ; VCE=-4V VCE=-30V; IB=0 VCE=-100V; VBE(off)=-1.5V TC=150 VEB=-7V; IC=0 IC=-4A ; VCE=-4V IC=-10A ; VCE=-4V VCE=-40Vdc,t=1.0s, Nonrepetitive IC=-0.5A ; VCE=-10V 20 5.0 -2.87 2.5 MIN -60 -70 TYP.
MJ2955
SYMBOL VCEO(SUS) VCER(SUS) VCE(sat)-1 VCE(sat)-2 VBE ICEO ICEX IEBO hFE-1 hFE-2 Is/b fT
MAX
UNIT V V
-1.1 -3.0 -1.5 -0.7 -1.0 -5.0 -5.0 70
V V V mA mA mA
A MHz
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
MJ2955
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of MJ2955

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X