Part Number Hot Search : 
26012N 0KAMP ZY8V2GP 21NAB12 2SC4082M 2SC4082M 00BZX 07500
Product Description
Full Text Search
 

To Download M66257FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M66257FP
5120 x 8-Bit x 2 Line Memory (FIFO)
REJ03F0251-0200 Rev.2.00 Sep 14, 2007
Description
The M66257FP is a high-speed line memory with a FIFO (First In First Out) structure of 5120-word x 8-bit double configuration which uses high-performance silicon gate CMOS process technology. It allows simultaneous output of 1-line delay data and 2-line delay data, and is most suitable for data correction over multiple lines. It has separate clock, enable and reset signals for write and read, and is most suitable as a buffer memory between devices with different data processing throughput.
Features
* * * * * * * * Memory configuration: 5120 words x 8 bits x 2 (dynamic memory) High-speed cycle: 25 ns (Min) High-speed access: 18 ns (Max) Output hold: 3 ns (Min) Fully independent, asynchronous write and read operations Output: 3 states 1-line delay Q00 to Q07: Q10 to Q17: 2-line delay
Application
Digital photocopiers, high-speed facsimile, laser beam printers.
Block Diagram
Data input D0 to D7
27 26 25 24 23 22 21 20
Data output Q00 to Q07
23456789
Data output Q10 to Q17
10 11 12 13 14 15 16 17
Input buffer
Output buffer
Read address counter
Write address counter
Read control circuit
Write control circuit
WE 32 Write enable input WRES 31 Write reset input WCK 30 Write clock input VCC 18 VCC 28
VCC 36
35 RE
Read enable input
(
Memory array of 5120-word x 8-bit x 2 configuration 1-line delay data only memory/ 2-line delay data only memory
34 RRES
)
Read reset input
33 RCK
Read clock input
1 GND
19 GND
29 GND
REJ03F0251-0200 Rev.2.00 Sep 14, 2007 Page 1 of 12
M66257FP
Pin Arrangement
M66257FP
Data output
GND Q00 Q01 Q02 Q03 Q04 Q05 Q06 Q07 Q10 Q11 Q12 Q13 Q14 Q15 Q16 Q17 VCC
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19
VCC RE RRES RCK WE WRES WCK GND VCC D0 D1 D2 D3 D4 D5 D6 D7 GND
Read enable input Read reset input Read clock input Write enable input Write reset input Write clock input
Data input
(Top view) Outline: PRSP0036GA-A (36P2R-A)
REJ03F0251-0200 Rev.2.00 Sep 14, 2007 Page 2 of 12
M66257FP
Absolute Maximum Ratings
(Ta = 0 to 70C, unless otherwise noted)
Item Supply voltage Input voltage Output voltage Power dissipation Storage temperature Symbol VCC VI VO Pd Tstg Ratings -0.5 to +7.0 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 660 -65 to 150 Unit V V V mW C Conditions A value based on GND pin Ta = 25C
Recommended Operating Conditions
Item Supply voltage Supply voltage Operating ambient temperature Symbol VCC GND Topr Min 4.5 0 Typ 5 0 Max 5.5 70 Unit V V C
Electrical Characteristics
(Ta = 0 to 70C, VCC = 5 V 10%, GND = 0 V, unless otherwise noted)
Item "H" input voltage "L" input voltage "H" output voltage "L" output voltage "H" input current Symbol VIH VIL VOH VOL IIH Min 2.0 VCC - 0.8 Typ Max 0.8 0.55 1.0 Unit V V V V A Test Conditions
IOH = -4 mA IOL = 4 mA VI = VCC WE, WRES, WCK, RE, RRES, RCK, D0 to D7 VI = GND WE, WRES, WCK, RE, RRES, RCK, D0 to D7
"L" input current
IIL
-1.0
A
Off state "H" output current Off state "L" output current Operating mean current dissipation Input capacitance Off state output capacitance
IOZH IOZL ICC CI CO


5.0 -5.0 120 10 15
A A mA pF pF
VO = VCC VO = GND VI = VCC, GND, Output open tWCK, tRCK = 25 ns f = 1 MHz f = 1 MHz
REJ03F0251-0200 Rev.2.00 Sep 14, 2007 Page 3 of 12
M66257FP
Function
When write enable input WE is "L", the contents of data inputs D0 to D7 are written into 1-line delay data only memory in synchronization with rise edge of write clock input WCK. At this time, the write address counter of 1-line delay data only memory is also incremented simultaneously. The write functions given below are also performed in synchronization with rise edge of WCK. When WE is "H", a write operation to 1-line delay data only memory is inhibited and the write address counter of 1-line delay data only memory is stopped. When write reset input WRES is "L", the write address counter of 1-line delay data only memory is initialized. When read enable input RE is "L", the contents of 1-line delay data only memory are output to data outputs Q00 to Q07 and those of 2-line delay data only memory to data outputs Q10 to Q17 in synchronization with the rise of read clock input RCK. At this time, the read address counters of 1-line and 2-line delay data only memories is also incremented simultaneously. Moreover, data of Q00 to Q07 are written into 2-line delay data only memory in synchronization with rise edge of RCK. At this time, the write address of 2-line delay data only memory is incremented. The read functions given below are also performed in synchronization with rise edge of RCK. When RE is "H", a read operation from both of 1-line delay data only memory and 2-line delay data only memory is inhibited and the read address counter of each memory is stopped. The outputs of Q00 to Q07 and Q10 to Q17 are in the high impedance state. Moreover, a write operation to 2-line delay data only memory is inhibited and the write address counter of 2-line delay data only memory is stopped. When read reset input RRES is "L", the read address counter of 1-line delay data only memory, and the write address counter and read address counter of 2-line delay data only memory are initialized.
REJ03F0251-0200 Rev.2.00 Sep 14, 2007 Page 4 of 12
M66257FP
Switching Characteristics
(Ta = 0 to 70C, VCC = 5 V 10%, GND = 0 V, unless otherwise noted)
Item Access time Output hold time Output enable time Output disable time Symbol tAC tOH tOEN tODIS Min 3 3 3 Typ Max 18 18 18 Unit ns ns ns ns
Timing Conditions
(Ta = 0 to 70C, VCC = 5 V 10%, GND = 0 V, unless otherwise noted)
Item Write clock (WCK) cycle Write clock (WCK) "H" pulse width Write clock (WCK) "L" pulse width Read clock (RCK) cycle Read clock (RCK) "H" pulse width Read clock (RCK) "L" pulse width Input data setup time to WCK Input data hold time to WCK Reset setup time to WCK or RCK Reset hold time to WCK or RCK Reset nonselect setup time to WCK or RCK Reset nonselect hold time to WCK or RCK WE setup time to WCK WE hold time to WCK WE nonselect setup time to WCK WE nonselect hold time to WCK RE setup time to RCK RE hold time to RCK RE nonselect setup time to RCK RE nonselect hold time to RCK Input pulse rise/fall time Data hold time* Symbol tWCK tWCKH tWCKL tRCK tRCKH tRCKL tDS tDH tRESS tRESH tNRESS tNRESH tWES tWEH tNWES tNWEH tRES tREH tNRES tNREH tr, tf tH Min 25 11 11 25 11 11 7 3 7 3 7 3 7 3 7 3 7 3 7 3 Typ Max 20 20 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms
Notes: Reset the IC after power is turned on. * For 1-line access, the following should be satisfied: WE "H" level period < 20 ms - 5120 tWCK - WRES "L" level period RE "H" level period < 20 ms - 5120 tRCK - RRES "L" level period
REJ03F0251-0200 Rev.2.00 Sep 14, 2007 Page 5 of 12
M66257FP
Test Circuit
VCC RL = 1 k Qn SW1 CL = 30 pF: tAC, tOH Qn SW2 CL = 5 pF: tOEN, tODIS RL = 1 k
Input pulse level:
0 to 3 V
Input pulse rise/fall time: 3 ns Decision voltage input: Decision voltage output: 1.3 V 1.3 V (However, tODIS (LZ) is 10% of output amplitude and tODIS (HZ) is 90% of that for decision)
The load capacitance CL includes the floating capacitance of connection and the input capacitance of probe.
Parameter tODIS (LZ) tODIS (HZ) tOEN (ZL) tOEN (ZH) SW1 Closed Open Closed Open SW2 Open Closed Open Closed
tODIS/tOEN Test Condition
3V RCK 1.3 V 1.3 V GND
RE tODIS (HZ) Q0n Q1n 90% 1.3 V tODIS (LZ) Q0n Q1n tOEN (ZL) tOEN (ZH)
3V GND
VOH
1.3 V 10%
VOL
REJ03F0251-0200 Rev.2.00 Sep 14, 2007 Page 6 of 12
M66257FP
Operating Timing
Write Cycle
Cycle n Cycle n + 1 Cycle n + 2 Disable cycle Cycle n + 3 Cycle n + 4
WCK
tWCK tWCKH tWCKL tWEH tNWES tNWEH tWES
WE
tDS tDH tDS tDH
Dn
(n)
(n + 1)
(n + 2)
(n + 3)
(n + 4)
WRES = "H"
Write Reset Cycle
Cycle n - 1 Cycle n Reset cycle Cycle 0 Cycle 1 Cycle 2
WCK
tWCK tNRESH tRESS tRESH tNRESS
WRES
tDS tDH tDS tDH
Dn
(n - 1)
(n)
(0)
(1)
(2)
WE = "L"
REJ03F0251-0200 Rev.2.00 Sep 14, 2007 Page 7 of 12
M66257FP Read Cycle
Cycle n Cycle n + 1 Cycle n + 2 Disable cycle Cycle n + 3 Cycle n + 4
RCK
tRCK tRCKH tRCKL tREH tNRES tNREH tRES
RE
tODIS
tAC
tOEN
Q0n
(n) (n + 1) (n + 2)
HIGH-Z
(n + 3) tOH
(n + 4)
Q1n
RRES = "H"
Read Reset Cycle
Cycle n - 1 Cycle n Reset cycle Cycle 0 Cycle 1 Cycle 2
RCK
tRCK tNRESH tRESS tRESH tNRESS
RRES
tAC
Q0n
(n - 1) (n)
tON
(0)
(0)
(0) tON
(1)
(2)
Q1n
tON
RE = "L"
REJ03F0251-0200 Rev.2.00 Sep 14, 2007 Page 8 of 12
M66257FP Note at WCK Stop
n cycle n + 1 cycle n cycle Disable cycle
WCK
tWCK tNWES
WE
tDS tDH
tDS tDH
Dn
(n)
(n)
Period of writing data (n) into memory
Period of writing data (n) into memory WRES = "H"
Input data Dn of n cycle is read at the rising edge after WCK of n cycle. Writing operation starts in the "L" period of WCK of n + 1 cycle and ends at the rising edge after n + 1 cycle. To stop reading write data at n cycle, input WCK for up to the rising edge of n + 1 cycle. When the cycle next to n cycle is a disable cycle, input of WCK for a cycle is required after a disable cycle as well.
REJ03F0251-0200 Rev.2.00 Sep 14, 2007 Page 9 of 12
M66257FP Shortest Read of Data "n" Written in Cycle n (Cycle n - 1 on read side should be started after end of cycle n + 1 on write side) When the start of cycle n - 1 on read side is earlier than the end of cycle n + 1 on write side, output Qn of cycle n becomes invalid. In the figure shown below, the read of cycle n - 1 is invalid.
Cycle n
Cycle n + 1
Cycle n + 2
Cycle n + 3
WCK
Dn
(n)
(n + 1)
(n + 2)
(n + 3)
Cycle n - 2
Cycle n - 1
Cycle n
RCK
Qn
Invalid
(n)
Longest Read of Data "n" Written in Cycle n: 1-line Delay (Cycle n <1>* on read side should be started when cycle n <2>* on write is started) Output Qn of n cycle <1>* can be read until the start of reading side n cycle <1> and the start of writing side n cycle <2>* overlap each other.
Cycle n <1>*
Cycle 0 <2>*
Cycle n <2>*
WCK
Dn
(n - 1) <1>*
(n) <1>*
(0) <2>*
(n - 1) <2>*
(n) <2>*
Cycle n <0>*
Cycle 0 <1>*
Cycle n <1>*
RCK
Qn
(n - 1) <0>*
(n) <0>*
(0) <1>*
(n - 1) <1>*
(n) <1>*
Note: <0>*, <1>* and <2>* indicates a line value.
REJ03F0251-0200 Rev.2.00 Sep 14, 2007 Page 10 of 12
M66257FP
Application Example
Laplacian Filter Circuit for Correction of Resolution in the Secondary Scanning Direction
N Line n image data
M66257 D0 to D7 Q00 to Q07
B Line (n + 1) image data
x2
Adder N + K {2N - (A + B) }
1-line delay
Corrected image data
Subtractor 2N - (A + B)
xK
2-line delay
Secondary scanning direction
Primary scanning direction
A N B
Line (n - 1) Line n Line (n + 1) N' = N + K { (N - A) + (N - B) } = N + K {2N - (A + B)} K: Laplacian coefficient
REJ03F0251-0200 Rev.2.00 Sep 14, 2007 Page 11 of 12
Adder A+B
Q10 to Q17
A Line (n - 1) image data
M66257FP
Package Dimensions
JEITA Package Code P-SSOP36-8.4x15-0.80 RENESAS Code PRSP0036GA-A Previous Code 36P2R-A MASS[Typ.] 0.5g
36
19
HE
*1
E
F
NOTE) 1. DIMENSIONS "*1" AND "*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION "*3" DOES NOT INCLUDE TRIM OFFSET.
1 Index mark 18
c
*2
D
A2
A1
Reference Symbol
Dimension in Millimeters
*3
e
y
bp
D E A2 A A1 bp c HE e y L
Detail F
Min Nom Max 14.8 15.0 15.2 8.2 8.4 8.6 2.0 2.4 0.05 0.35 0.4 0.5 0.13 0.15 0.2 0 10 11.63 11.93 12.23 0.65 0.8 0.95 0.15 0.3 0.5 0.7
A
REJ03F0251-0200 Rev.2.00 Sep 14, 2007 Page 12 of 12
L
Sales Strategic Planning Div.
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
Notes: 1. This document is provided for reference purposes only so that Renesas customers may select the appropriate Renesas products for their use. Renesas neither makes warranties or representations with respect to the accuracy or completeness of the information contained in this document nor grants any license to any intellectual property rights or any other rights of Renesas or any third party with respect to the information in this document. 2. Renesas shall have no liability for damages or infringement of any intellectual property or other rights arising out of the use of any information in this document, including, but not limited to, product data, diagrams, charts, programs, algorithms, and application circuit examples. 3. You should not use the products or the technology described in this document for the purpose of military applications such as the development of weapons of mass destruction or for the purpose of any other military use. When exporting the products or technology described herein, you should follow the applicable export control laws and regulations, and procedures required by such laws and regulations. 4. All information included in this document such as product data, diagrams, charts, programs, algorithms, and application circuit examples, is current as of the date this document is issued. Such information, however, is subject to change without any prior notice. Before purchasing or using any Renesas products listed in this document, please confirm the latest product information with a Renesas sales office. Also, please pay regular and careful attention to additional and different information to be disclosed by Renesas such as that disclosed through our website. (http://www.renesas.com ) 5. Renesas has used reasonable care in compiling the information included in this document, but Renesas assumes no liability whatsoever for any damages incurred as a result of errors or omissions in the information included in this document. 6. When using or otherwise relying on the information in this document, you should evaluate the information in light of the total system before deciding about the applicability of such information to the intended application. Renesas makes no representations, warranties or guaranties regarding the suitability of its products for any particular application and specifically disclaims any liability arising out of the application and use of the information in this document or Renesas products. 7. With the exception of products specified by Renesas as suitable for automobile applications, Renesas products are not designed, manufactured or tested for applications or otherwise in systems the failure or malfunction of which may cause a direct threat to human life or create a risk of human injury or which require especially high quality and reliability such as safety systems, or equipment or systems for transportation and traffic, healthcare, combustion control, aerospace and aeronautics, nuclear power, or undersea communication transmission. If you are considering the use of our products for such purposes, please contact a Renesas sales office beforehand. Renesas shall have no liability for damages arising out of the uses set forth above. 8. Notwithstanding the preceding paragraph, you should not use Renesas products for the purposes listed below: (1) artificial life support devices or systems (2) surgical implantations (3) healthcare intervention (e.g., excision, administration of medication, etc.) (4) any other purposes that pose a direct threat to human life Renesas shall have no liability for damages arising out of the uses set forth in the above and purchasers who elect to use Renesas products in any of the foregoing applications shall indemnify and hold harmless Renesas Technology Corp., its affiliated companies and their officers, directors, and employees against any and all damages arising out of such applications. 9. You should use the products described herein within the range specified by Renesas, especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. Renesas shall have no liability for malfunctions or damages arising out of the use of Renesas products beyond such specified ranges. 10. Although Renesas endeavors to improve the quality and reliability of its products, IC products have specific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. Please be sure to implement safety measures to guard against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a Renesas product, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other applicable measures. Among others, since the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or system manufactured by you. 11. In case Renesas products listed in this document are detached from the products to which the Renesas products are attached or affixed, the risk of accident such as swallowing by infants and small children is very high. You should implement safety measures so that Renesas products may not be easily detached from your products. Renesas shall have no liability for damages arising out of such detachment. 12. This document may not be reproduced or duplicated, in any form, in whole or in part, without prior written approval from Renesas. 13. Please contact a Renesas sales office if you have any questions regarding the information contained in this document, Renesas semiconductor products, or if you have any other inquiries.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 204, 205, AZIACenter, No.1233 Lujiazui Ring Rd, Pudong District, Shanghai, China 200120 Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2007. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .7.0


▲Up To Search▲   

 
Price & Availability of M66257FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X