Part Number Hot Search : 
HR002B P6KE82 OM5258SC 682KS D6SBN20 SG1568 GR18650C STPCC
Product Description
Full Text Search
 

To Download M221 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M221
1 Form A Solid State Relay DESCRIPTION
The M221 is a bi-directional, single-pole, single-throw, normally open multipurpose solid-state relay in a miniature 4-pin small outline package. It is designed to replace electromechanical relays in general purpose switching applications. The relay consists of an integrated circuit that drives two rugged source-to-source enhancement type DMOS transistors - optically coupled to a light emitting diode. The output MOS transistors are protected with free-wheeling diodes that can handle up to 5A of inrush current, making the relay ideal for switching lamps and highly inductive loads.
FEATURES
APPLICATIONS
* * * * * *
High input-to-output isolation Low input control power consumption 140mA maximum continuous load current 20 ohms maximum on-resistance Long life/high reliability Ultra miniature 4-pin small outline package
* * * * * * * * *
Telecom switching Tip/Ring control PCMCIA modules Multiplexers Meter reading systems Data acquisition Medical equipment Battery monitoring Home/Safety security systems
OPTIONS/SUFFIXES
MAXIMUM RATINGS
PARAMETER Storage Temperature Operating Temperature UNIT C C mA mA V mW 6 400 MIN -55 -40 TYP MAX 125 85 40 400
*
-TR
Tape and Reel
SCHEMATIC DIAGRAM
1 + Input 4 Load
Continuous Input Current Transient Input Current
IC
2 - Input 3 Load
Reverse Input Control Voltage Output Power Dissipation
APPROVALS
*
BABT CERTIFICATE #650192: BS EN 60950, BS EN 41003, BS EN 60065
rev 1.0
Solid State Optronics, Inc. 1.888.377.4776 www.ssousa.com
M221
1 Form A Solid State Relay
ELECTRICAL CHARACTERISTICS - 25
PARAMETER INPUT SPECIFICATIONS
LED Forward Voltage LED Reverse Voltage Turn-On Current Turn-Off Current V V mA mA 6 5 1.2 12 2.5 0.5 1.5 If = 10mA Ir = 10uA Io = 140mA
UNIT
MIN
TYP
MAX
TEST CONDITIONS
OUTPUT SPECIFICATIONS
Blocking Voltage Continuous Load Current On-Resistance Leakage Current Output Capacitance Offset Voltage V mA A pF mV 15 0.2 25 400 140 20 10 50 0.2 Io = 10uA If = 5mA Io = 140mA Vo = 400V Vo = 25V, f = 1.0MHz If = 5mA
COUPLED SPECIFICATIONS
Isolation Voltage Turn-On Time Turn-Off Time Isolation Resistance Coupled Capacitance Contact Transient Ratio V ms ms G pF V/ s 2000 100 3 7000 dV = 50V 1500 0.5 0.1 1 0.5 T = 1 minute If = 5mA, Io = 140mA If = 5mA, Io = 140mA
rev 1.0
Solid State Optronics, Inc. 1.888.377.4776 www.ssousa.com
M221
1 Form A Solid State Relay
PERFORMANCE DATA
M221 Typical Turn-On Time Distribution N = 100, Ambient Temperature = 25C
M221 Typical Turn-Off Time Distribution N = 100, Ambient Temperature = 25C
40 Device Count 30 20 10 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 Turn-On Tim e (m s) Device Count
40 30 20 10 0 0 0.04 0.08 0.12 0.16 0.2 0.24 0.28 Turn-Off Tim e (m s)
M221 Typical On-Resistance Distribution N = 100, Ambient Temperature = 25C
M221 Typical Leakage Current Distribution N = 100, Ambient Temperature = 25C
40 Device Count 30 20 10 0 15.5 16 16.5 17 17.5 18 18.5 19 On-Resistance (ohm s) Device Count
60 50 40 30 20 10 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 Leakage Current (uA)
M221 Typical Blocking Voltage Distribution N = 100, Ambient Temperature = 25C
M221 Typical Load Current vs. Temperature
30 20 10 0 400 410 420 430 440 450 460 470 Blocking Voltage (V)
Load Current (mA)
40 Device Count
200 150 100 50 0
20 40 60 -4 0 -2 0 80
Solid State Optronics, Inc. 1.888.377.4776 www.ssousa.com
rev 1.0
0
Tem perature (C)
M221
1 Form A Solid State Relay
MECHANICAL DIMENSIONS 4 PIN SMALL OUTLINE PACKAGE
END VIEW
TOP VIEW
BACK VIEW
rev 1.0
Solid State Optronics, Inc. 1.888.377.4776 www.ssousa.com


▲Up To Search▲   

 
Price & Availability of M221

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X