Part Number Hot Search : 
HC643 SBL164 LS431250 HCT57 PTZTE25 TN5325N8 AOD2904 109N04
Product Description
Full Text Search
 

To Download LL103A-GS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LL103A/103B/103C
Vishay Semiconductors
Small Signal Schottky Diodes
Features
* Integrated protection ring against static discharge e2 * Low capacitance * Low leakage current * Low forward voltage drop * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
94 9371
Applications
* * * * HF-Detector Protection circuit Small battery charger AC-DC/DC-DC converters
Mechanical Data
Case: MiniMELF Glass case SOD80 Weight: approx. 31 mg Cathode Band Color: black Packaging Codes/Options: GS18/10 k per 13" reel (8 mm tape), 10 k/box GS08/2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parts Table
Part LL103A LL103B LL103C Type differentiation VR = 40 V, VF at IF = 20 mA max. 370 mV VR = 30 V, VF at IF = 20 mA max. 370 mV VR = 20 V, VF at IF = 20 mA max. 370 mV Ordering code LL103A-GS08 or LL103A-GS18 LL103B-GS08 or LL103B-GS18 LL103C-GS08 or LL103C-GS18 Type Marking Remarks Tape and Reel Tape and Reel Tape and Reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Reverse voltage Test condition Part LL103A LL103B LL103C Forward continuous current Peak forward surge current Power dissipation tp = 300 s, square pulse l = 4 mm, TL = constant Symbol VR VR VR IFAV IFSM Ptot Value 40 30 20 200 15 400 Unit V V V mA A mW
Document Number 85630 Rev. 1.4, 27-Jul-06
www.vishay.com 1
LL103A/103B/103C
Vishay Semiconductors Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Junction temperature Storage temperature range Test condition Symbol RthJA Tj Tstg Value 250 125 - 65 to + 150 Unit K/W C C Thermal resistance junction to ambient air I = 4 mm, TL = constant
Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Reverse breakdown voltage Test condition IR = 50 A Part LL103A LL103B LL103C Leakage current VR = 30 V VR = 20 V VR = 10 V Forward voltage drop Diode capacitance Reverse recovery time IF = 20 mA IF = 200 mA VR = 0 V, f = 1 MHz IF = IR = 50 to 200 mA, recover to 0.1 IR LL103A LL103B LL103C Symbol V(BR) V(BR) V(BR) IR IR IR VF VF CD trr 50 10 Min 40 30 20 5 5 5 370 600 Typ. Max Unit V V V A A A mV mV pF ns
Typical Characteristics
Tamb = 25 C, unless otherwise specified
1000 100 10 1
5
IF - Forward Current (mA)
IF - Forward Current (A)
0 100 200 300 400 500 600 700 800 900 1000
4
3
2
0.1 0.01 0.001
1
0 0.0
16766
0.5
1.0
1.5
2.0
16765
VF - Forward Voltage (mV)
VF - Forward Voltage (V)
Figure 1. Forward Current vs. Forward Voltage
Figure 2. Forward Current vs. Forward Voltage
www.vishay.com 2
Document Number 85630 Rev. 1.4, 27-Jul-06
LL103A/103B/103C
Vishay Semiconductors
10 000
25
Itot - Typ. Non Repetitve Forward Surge Current (A)
I R - Reverse Current (A)
20
1000
15
100 Reverse voltage LL103A VR = 40 V LL103B VR = 30 V LL103C VR = 20 V
10
10
5
1 0
16767_1
0
20
40
60
80
100 120 140 160
0.1
16769
1.0
10.0
T j - Junction Temperature (C)
tP - Pulse width (ms)
Figure 3. Reverse Current vs. Junction Temperature
Figure 5. Typ. Non Repetitive Forward Surge Current vs. Pulse width
30 f = 1 MHz
CD - Diode Capacitance (pF)
25 20 15 10 5 0 0 5 10 15 20 25 30
16768
VR - Reverse Voltage (V)
Figure 4. Diode Capacitance vs. Reverse Voltage
Package Dimensions in mm (Inches): SOD80
96 12070
Document Number 85630 Rev. 1.4, 27-Jul-06
www.vishay.com 3
LL103A/103B/103C
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 4
Document Number 85630 Rev. 1.4, 27-Jul-06
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of LL103A-GS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X