![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ordering number : EN8765 LA6541ND Overview Monolithic Linear IC For CD Players and Recorders Four-Channel Driver IC The LA6541ND is a four-channel driver IC for CD players and recorders (four BTL amplifier channels). Features * Four BTL connection power amplifier channels * IO max 0.7A * Built-in level shifters * Muting circuit (on/off control of all outputs) (This circuit applies to the BTL amplifier circuits. It does not control operation of the regulator.) * Built-in regulator (provides a 5V output using an external pnp transistor) * Thermal protection circuit (thermal shutdown circuit) Specifications Maximum Ratings at Ta = 25C Parameter Supply voltage Maximum output current Maximum input voltage Muting pin application voltage Allowable power dissipation Operating temperature Storage temperature Symbol VCC max IO max VIN VMUTE Pd max Topr Tstg For each of the channel 1 to 4 outputs Conditions Ratings 14 0.7 13 13 1.5 -20 to +75 -55 to +150 Unit V A V V W C C Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, AV equipment, communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. 32807 TI IM B8-7420 No.8765-1/9 LA6541ND Recommended Operating Conditions at Ta = 25C Parameter Supply voltage 1 Supply voltage 2 Symbol VCC1 VCC2 Only used by the BTL amplifiers (Not used by the 5V regulator circuit) Conditions Ratings 5.6 to 13.0 3.9 to 13.0 Unit V V Electrical Characteristics at Ta = 25C, VCC1 = VCC2 = 8V, VREF = 2.5V, unless especially specified. Parameter Overall Characteristics No-load current drain, on state No-load current drain, off state Thermal shutdown circuit operating temperature Output Amplifier Block Output offset voltage VREF input voltage range Output voltage Voltage gain, input to output Slew rate Muting on voltage VOFF VINVREF VO VG SR VMUTE The voltage across the outputs when RL = 8 The voltage gain from an input to the corresponding +/- outputs. *2 (Design guarantee value *1) The voltage at which the output on/off state changes Power Supply Block (Using a 2SB632K) 5V power supply voltage Line regulation Load regulation Reset Block RESET pin high-level voltage RESET pin low-level voltage RESET pin threshold voltage RESET pin hysteresis RESET pin output delay time VORH VORL VRT VHYS td ISRL = 2mA, Cd-GND *4 *5 Cd = 0.1F 40 4.73 4.98 100 4.2 80 10 200 5.23 200 V mV V mV ms VOLIN VOLOAD IO = 200mA 5.6V VCC 12V 5mA IO 200mA 4.75 5.00 20 50 5.25 100 150 V mV mV The voltage difference between each of the + or - outputs. -50 1.5 4 4.7 9 0.15 1.2 50 VCC-1.5 mV V V dB V/s V ICCON ICCOFF TSD All outputs on, MUTE: high All outputs off, MUTE: low (Design guarantee value *1) 150 20 15 175 40 35 200 mA mA C Symbol Conditions min Ratings typ max Unit *1: These parameters are not tested. *2: The gain from input to output when only the VIN* pins are used. *3: The MUTE pin voltage when the output changes between the on and off states. When the MUTE pin is high, all the BTL amplifiers will be on, and the when MUTE is low, all the BTL amplifiers will be off. *4: The 5V regulator voltage when the RESET pin goes from high to low. *5: The 5V regulator voltage difference between the RESET pin going from high to low the RESET pin going from low to high. That is, the hysteresis. No.8765-2/9 LA6541ND Package Dimensions unit : mm (typ) 3307 27.0 30 16 0.95 3.0 3.95 max 0.51 min (3.25) 0.48 1.78 (1.04) SANYO : DIP30SDLF(400mil) 2.0 Pd max - Ta Allowable power dissipation, Pd max - W 1.5 Independent IC 1.5 1.0 0.9 0.5 0 --20 0 20 40 60 80 100 ILA07099 Ambient temperature, Ta - C 0.25 1 15 10.16 8.6 No.8765-3/9 LA6541ND Block Diagram VCC1 1 30 VCC2 MUTE 2 MUTE (output on/off control) 15.4k 11k VIN1 3 15.4k 11k + 29 VREF + + 28 VIN4 VG1 4 27 VG4 Level shifter VO1+ Level shifter 5 26 VO4+ VO1- 6 25 VO4- GND 7 24 GND GND 8 + 23 GND GND 9 22 GND Level shifter 10 Level shifter VO2- 21 VO3- VO2+ 11 20 VO3+ VG2 12 15.4k 11k 15.4k 11k 19 VIN3G VIN2 13 + + 18 VIN3 REG_C 14 Connect to the external PNP taransistor collector Connect to the external PNP taransistor base 17 CD REG_B 15 5VREG RESET 16 RESET No.8765-4/9 LA6541ND Pin Functions Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 Pin Name VCC1 MUTE VIN1 VG1 VO1+ VO1GND GND GND VO2VO2+ VG2 VIN2 REG_C REG_B RESET CD VIN3 VG3 VO3+ VO3GND GND GND VO4VO4+ VG4 VIN4 VREF VCC2 Description Power supply (This pin is shorted to VCC2 (pin 30) Output on/off control Channel 1 input Channel 1 input (Gain setting) Channel 1 output (+) Channel 1 output (-) GND pin GND pin GND pin Channel 2 output (-) Channel 2 output (+) Channel 2 input (Gain setting) Channel 2 input Connect this pin to the external pnp transistor collector. (This is the 5V regulator output) Connect this pin to the external pnp transistor base. Reset output Connection for the reset delay time setting capacitor Channel 3 input (Gain setting) Channel 3 input (Gain setting) Channel 3 output (+) Channel 3 output (-) GND pin GND pin GND pin Channel 4 output (-) Channel 4 output (+) Channel 4 input (Gain setting) Channel 4 input (Gain setting) Reference voltage input Power supply (This pin is shorted to VCC1 (pin 1) No.8765-5/9 LA6541ND Equivalent Circuits Pin No. 3 4 13 12 18 19 28 27 Pin Name VIN1 VG1 VIN2 VG2 VIN3 VG3 VIN4 VG4 Input pins. Description Equivalent Circuit VING* VIN* VCC VCC GND VCC GND GND 5 6 11 10 20 21 26 25 VO1+ VO1VO2+ VO2VO3+ VO3VO4+ VO4- Output pins. VCC 33k 11k VCC VO* -/+ GND GND 2 MUTE Muting control input. The outputs will be on when the MUTE pin is at the high level. The outputs will be off when the MUTE outputs go to the high-impedance state at this time. pin is at the low level; in particular, the VCC VCC 30k 40k MUTE GND 29 VREF Reference voltage input. VREF VCC VCC GND GND Continued on next page. No.8765-6/9 LA6541ND Continued from preceding page. Pin No. 16 Pin Name RESET Reset output. When REG C (5VREG) is high, RESET will be high. When REG C (5VREG) is low, RESET will be low. See section 11, Reset Operation, for details on the reset operation. Description Equivalent Circuit VCC REG_C(5VREG) GND VCC RESET GND GND 17 CD Reset output delay time setting. The delay time until the point the reset output switches from low to high is set by the capacitor connected between this pin and ground. See section 11, Reset Operation, for details on the reset operation. VCC GND CD GND No.8765-7/9 LA6541ND Application Circuit Example VCC 1 VCC1 VCC2 30 VREF input (Reference voltage) MUTE 2 MUTE MUTE 29 SPINDLE input 3 VIN1 VIN4 28 FOCUS input 4 VG1 VG4 27 5 SPINDLE M 6 VO1+ VO4+ 26 FOCUS VO1- VO4- 25 7 GND GND 24 LA6541ND 8 GND GND 23 9 GND GND 22 10 SLED M 11 VO2- VO3- 21 TRACKING VO2+ VO3+ 20 12 VG2 VIN3G 19 13 SPINDLE input 5V output + 100F 15 VCC 14 VIN2 VIN3 18 TRACKING input REG_C CD 17 Reset delay time input REG_B RESET 16 No.8765-8/9 LA6541ND Reset Operation REG_C (5VREG) 5V 100mV 4.2V T RESET T td td *1: td is the delay time. It is set by an external capacitor connected between the CD pin and ground. *2: The voltage at which RESET changes state is a typical value (voltage). SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein. SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor Co.,Ltd. product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. Upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above. This catalog provides information as of March, 2007. Specifications and information herein are subject to change without notice. PS No.8765-9/9 |
Price & Availability of LA6541ND
![]() |