Part Number Hot Search : 
24C16N CSR1004 MJ15024 HT68F03M 300R1 IN4006 220MC AX150
Product Description
Full Text Search
 

To Download KBJ10G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
KBJ10A --- KBJ10M
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 10.0 A
SILICON BRIDGE RECT IFIERS
Rating to 1000V PRV Surge overload rating to 200 Am peres peak Ideal for printed circuit board Reliable low cos t cons truction utilizing m olded plas tic technique res ults in inexpens ive product Lead s olderable per MIL-STD-202 m ethod 208
KBJ
MECHANCAL DATA Polarity:Sym bols m olded on body Weight:0.23 ounces , 6.6 gram s Mounting pos ition: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 am bient tem perature unles s otherwis e s pecified. Single phas e,half wave,60 Hz,res is tive or inductive load. For capacitive load,derate by 20%.
KBJ 10A
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average f orw ard Output current @TA =110
KBJ 10B
100 70 100
KBJ 10D
200 140 200
KBJ 10G
400 280 400 10.0
KBJ 10J
600 420 600
KBJ 10K
800 560 800
KBJ 10M
1000 700 1000
UNITS
V V V A
V RR M V RMS V DC IF(AV)
50 35 50
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous f orw ard voltage at 5.0 A Maximum reverse current at rated DC blocking voltage @TA =25 @TA =100
IFSM
200.0
A
VF IR CJ RJC TJ TSTG
1.0 10.0 1.0 55 1.4 - 55 ---- + 150 - 55 ---- + 150
V A mA pF /W
Typical junction capacitance per element Typical thermal resistance Operating junction temperature range Storage temperature range
NOTES:1.Measured at 1.0MHZ and applied rev erse v oltage of 4.0V DC 2.Dev ice mounted on 300mm X 300mm X 1.6mm cu Plate heatsink.
www.galaxycn.com
Document Number 0287069
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
KBJ10A --- KBJ10M
FIG.2 -- FORWARD DERATING CURVE
PEAK FORWARD SURGE CURRENT,
250
1 2 .5
200
8.3ms Single Half Sine Wave TJ=125
10
AMPERES
150
7 .5
100
5
50
2 .5
0 1
10
100
0
0
50
100
150
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
100
200
INSTANTANEOUS FORWARD CURRENT, AMPERES
JUNCTION CAPACITANCE,pF
160 140
10 5 1.0
120 100
50 40 20 1 .1
0.1
TJ=25 f=1M z H
.2
.4
1.0
2
4
10
20
40
10
.01 .2
.4
.6
.8
1.0
1.2
1.4 1.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE,VOLTS
www.galaxycn.com
Document Number 0287069
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of KBJ10G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X