Part Number Hot Search : 
NCP2809 1206573 HT7750 MAX9382 ECWB205T RWB100 1212Z 00393
Product Description
Full Text Search
 

To Download IL223AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IL221AT/222AT/223AT
Vishay Semiconductors
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
FEATURES
A1 C2 NC 3 NC 4
8 NC 7B 6C 5E
* Isolation test voltage, 4000 VRMS * Industry standard SOIC-8 surface mountable package * Standard lead spacing, 0.05" * Available only on tape and reel (conforms to EIA standard RS481A) * Compatible with dual wave, vapor phase and IR reflow soldering * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
i179022
DESCRIPTION
The IL221AT/IL222AT/IL223AT is a high current transfer ratio (CTR) optocoupler with a gallium arsenide infrared LED emitter and a silicon NPN photodarlington transistor detector. The device has a CTR tested at 1.0 mA LED current. This low drive current permits easy interfacing from CMOS to LSTTL or TTL. This optocoupler is constructed in a standard SOIC-8 foot print which makes it ideally suited for high density applications. In addition to eliminating through-hole requirements, this package conforms to standards for surface mount devices.
AGENCY APPROVALS
* UL1577, file no. E52744 system code Y * CUL - file no. E52744, equivalent to CSA bulletin 5A * DIN EN 60747-5-5 available with option 1
ORDER INFORMATION
PART IL221AT IL222AT IL223AT REMARKS CTR > 100 %, SOIC-8 CTR > 200 %, SOIC-8 CTR > 500 %, SOIC-8
ABSOLUTE MAXIMUM RATINGS
PARAMETER INPUT Peak reverse voltage Forward continuous current Power dissipation Derate linearly from 25 C OUTPUT Collector emitter breakdown voltage Emitter collector breakdown voltage Collector base breakdown voltage ICMAX DC ICMAX Power dissipation Derate linearly from 25 C t < 1.0 ms BVCEO BVECO BVCBO ICMAX DC ICMAX Pdiss 30 5.0 70 50 100 150 2.0 V V V mA mW mW mW/C VR IF Pdiss 6.0 60 90 1.2 V mA mW mW/C TEST CONDITION SYMBOL VALUE UNIT
www.vishay.com 330
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83617 Rev. 1.8, 08-May-08
IL221AT/222AT/223AT
Optocoupler, Photodarlington Output, Vishay Semiconductors Low Input Current, High Gain, with Base Connection
ABSOLUTE MAXIMUM RATINGS
PARAMETER COUPLER Isolation test voltage Total package dissipation (at 25 C ambient)(LED and detector) Derate linearly from 25 C Storage temperature Operating temperature Soldering time at 260 C Tstg Tamb t = 1.0 s VISO Ptot 4000 240 3.2 - 55 to + 150 - 55 to + 100 10 VRMS mW mW/C C C s TEST CONDITION SYMBOL VALUE UNIT
Note Tamb = 25 C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability.
ELECTRICAL CHARACTERISTCS
PARAMETER INPUT Forward voltage Reverse current Capacitance OUTPUT Collector emitter breakdown voltage Emitter collector breakdown voltage Emitter emitter breakdown voltage Collector emitter capacitance COUPLER Saturation voltage, collector emitter Capacitance (input to output) Resistance (input to output) ICE = 0.5 mA VCEsat CIO RIO 0.5 100 1.0 V pF G IC = 100 A IE = 100 A IC = 10 A VCE = 10 V BVCEO BVECO BVCBO CCE 30 5.0 70 3.4 V V V pF IF = 1.0 mA VR = 6 V VR = 0 V, f = 1.0 MHz VF IR CO 1.0 0.1 25 1.5 100 V A pF TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT
Note Tamb = 25 C, unless otherwise specified. Minimum and maximum values are tested requierements. Typical values are characteristics of the device and are the result of engineering evaluations. Typical values are for information only and are not part of the testing requirements.
CURRENT TRANSFER RATIO
PARAMETER Current transfer ratio TEST CONDITION IF = 1.0 mA, VCE = 5.0 V PART IL221AT IL222AT IL223AT SYMBOL CTRDC CTRDC CTRDC MIN. 100 200 500 TYP. MAX. UNIT % % %
SAFETY AND INSULATION RATINGS
PARAMETER Climatic classification (according to IEC 68 part 1) Comparative tracking index VIOTM VIORM PSO ISI CTI 175 6000 560 350 150 TEST CONDITION SYMBOL MIN. TYP. 55/100/21 399 V V mW mA MAX. UNIT
Document Number: 83617 Rev. 1.8, 08-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 331
IL221AT/222AT/223AT
Vishay Semiconductors Optocoupler, Photodarlington Output,
Low Input Current, High Gain, with Base Connection
SAFETY AND INSULATION RATINGS
PARAMETER TSI Creepage distance Clearance distance Insulation thickness, reinforced rated per IEC 60950 2.10.5.1 4 4 0.2 TEST CONDITION SYMBOL MIN. TYP. MAX. 165 UNIT C mm mm mm
Note As per IEC 60747-5-2, 7.4.3.8.1, this optocoupler is suitable for "safe electrical insulation" only within the safety ratings. Compliance with the safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
1.4
3 TA = - 55 C TA = 25 C TA = - 20 C TA = 25 C TA = 50 C TA= 70 C
VF - Forward Voltage (V)
1.3 1.2 1.1 1.0 0.9
Normalized CTRcb
Normalized to: IF = 1 mA, TA = 25 C VCB = 10 V
2
1
TA = 100 C 0.8 0.7 0.1 1 10 100
0 0.1
iil221at_03
0
10
100
iil221at_01
IF - Forward Current (mA)
IF - LED Current (mA)
Fig. 1 - Forward Voltage vs. Forward Current
Fig. 3 - Normalized CTRcb vs. IF
10 000
100
Duty Factor TA = - 20 C TA = 25 C TA = 50 C TA = 70 C
IF (pk)- Peak LED Current (mA)
1000
0.005 0.01 0.02 0.05 0.1 0.2 0.5 100
Normalized CTRce
t DF = /t
10
1
Normalized to: IF = 1 mA, VCE = 5 V TA = 25 C
10 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1
0.1 0.1
iil221at_04
1
10
100
iil221at_02
t- LED Pulse Duration (s)
I F - LED Current (mA)
Fig. 2 - Peak LED Current vs. Duty Factor,
Fig. 4 - Normalized CTRCE vs. LED Current
www.vishay.com 332
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83617 Rev. 1.8, 08-May-08
IL221AT/222AT/223AT
Optocoupler, Photodarlington Output, Vishay Semiconductors Low Input Current, High Gain, with Base Connection
0.10 100
ICB - Photocurrent (A)
IF/ICB - CTR cb (%)
10
ICB I CB ICB ICB
= - 20 C = 25 C = 50 C = 70 C
0.05 T = - 20 C A T = 25 C A T = 50 C A T = 70 C A 0.00 0.1 1 10 100
1
0.1 0.1
iil221at_08
iil221at_05
IF - LED Current (mA)
Fig. 5 - CTRCE vs. LED Current
IF - LED Current (mA)
Fig. 8 - Photocurrent vs. LED Current
CTR CE - Current Transfer Ratio (%)
2000 TA = - 20 C T = 25 C A 1500 T = 50 C A T = 70 C A 1000 VCE = 10 V
1000 TA = - 20 C Normalized to: TA = 20 C IF = 1 mA,TA = 25 C TA = 50 C VCB = 10 V T = 70 C A
Normalized ICB
100
10
500
1
0 0.1 1 10 100
0.1 0.1
iil221at_09
1
10
100
iil221at_06
IF - LED Current (mA)
Fig. 6 - CTR vs. LED Current
IF - LED Current (mA)
Fig. 9 - Normalized ICB vs. IF
1000
ICE - Collector Current (mA)
100
TA TA TA TA
= - 20 C = 25 C = 50 C = 70 C
VCE = 10 V
IF
VO
tD tR tPLH VTH = 1.5 V tPHL tS tF
10
1 0.1
iil221at_07
1
10
100
iil221at_10
IF - LED Current (mA)
Fig. 10 - Switching Timing
Fig. 7 - Collector Current vs. LED Current
Document Number: 83617 Rev. 1.8, 08-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 333
IL221AT/222AT/223AT
Vishay Semiconductors Optocoupler, Photodarlington Output,
Low Input Current, High Gain, with Base Connection
VCC = 10 V F = 10 kHz, DF = 50 % R L VO
IF = 5 mA
iil221at_11
Fig. 11 - Switching Schematic
PACKAGE DIMENSIONS in inches (millimeters)
0.120 0.005 (3.05 0.13) R 0.010 (0.13)
0.240 (6.10)
CL
0.154 0.005 (3.91 0.13)
0.050 (1.27)
0.014 (0.36) 0.036 (0.91) 0.170 (4.32) 0.045 (1.14)
Pin one ID 0.192 0.005
0.016
(0.41) 0.260 (6.6) 7 0.058 0.005 0.015 0.002 40 (1.49 0.13) (0.38 0.05) 0.125 0.005 0.008 (0.20) 5 max. (3.18 0.13)
(4.88 0.13) 0.004 (0.10) 0.008 (0.20)
0.050 (1.27) typ. 0.020 0.004 ISO method A 0.021 (0.53) (0.51 0.10) 2 places
i178003
R 0.010 (0.25) max.
Lead coplanarity 0.0015 (0.04) max.
www.vishay.com 334
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83617 Rev. 1.8, 08-May-08
IL221AT/222AT/223AT
Optocoupler, Photodarlington Output, Vishay Semiconductors Low Input Current, High Gain, with Base Connection
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA. 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Document Number: 83617 Rev. 1.8, 08-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 335
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IL223AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X