Part Number Hot Search : 
7N60E FMG8A 24R2Q 1R3002 2SK1751 R8C18 CS43L42 217D111
Product Description
Full Text Search
 

To Download HER1005G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER1001G thru HER1007G
Glass Passivated High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
Features
Glass passivated chip Ultra fast switching for high efficiency Low reverse leakage current Low forward voltage drop High current capability Easily cleaned with Freon, Alcohol, Chlorothene and similar solvents Plastic material has UL flammabitily classification 94V-0
Mechanical Data
Case : JEDEC DO-204AL(DO-41) molded plastic Polarity : Color band denotes cathode Weight : 0.012 ounce, 0.335 gram Mounting position : Any
Maximum Ratings and Electrical Characteristics
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=55oC Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 1.0A (Note 2) Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time IF=0.5A, IR=1.0A, Irr= 0.25A Typical junction capacitance at 4.0V, 1MHz Typical thermal resistance (Note 1) Operating junction temperature range Storage temperature range
Notes:
Symbols VRRM VRMS V DC IF(AV) IFSM VF IR trr CJ RJA RJL TJ TSTG
HER 1001G 50 35 50
HER 1002G 100 70 100
HER 1003G 200 140 200
HER 1004G 400 280 400 1.0
HER 1005G 600 420 600
HER 1006G 800 560 800
HER 1007G 1000 700 1000
Units Volts Volts Volts Amp
30.0 1.0 1.3 5.0 100 50 17 60 15 -55 to +150 -55 to +150 75 1.7
Amps Volts uA nS pF
o
@TA=25oC @TA=100oC
C/W
o
C C
o
1. Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length 2. Pulse test: 300us pulse width, 1% duty cycle
155
RATINGS AND CHARACTERISTIC CURVES
156


▲Up To Search▲   

 
Price & Availability of HER1005G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X