Part Number Hot Search : 
TLP16 B89P8 ADM207 SZ156I RU4AM HL2205 CMKT3946 LPC2132
Product Description
Full Text Search
 

To Download GP20M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.0A Sintered Glass Passivated Rectifier GP20A - GP20M
2.0A Sintered Glass Passivated Rectifier
Features
* * * * Sintered glass passivated (SGP) rectifier chip Capable of meeting environmental standards of MIL-S-19500 2.0A operation at TA=55 C with no thermal runaway High temperature soldering guaranteed:260C/10 seconds /.0375" (9.5mm) lead length, 5lbs (2.3kg) tension * RoHS Compliance
DO-15 (DO-204AC)
Mechanical Data
Case: Epoxy: Terminals: Polarity: Weight: JEDEC DO-204AC(DO-15) molded plastic body Plastic package has UL flammability classification 94V-0 Plated axial leads, solderable per MIL-STD-750, Method 2026 Color band denotes cathode end 0.015 ounces, 0.4 gram
Maximum Ratings and Electrical Characteristics (T A=25C unless noted otherwise)
Symbol Description Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current GP20A 50 35 50 GP20B 100 70 100 GP20D 200 140 200 GP20G 400 280 400 2.0 GP20J 600 420 600 GP20K 800 560 800 GP20M 1000 700 1000 Unit V V V A 0.375" (9.5mm) lead length(Fig.1) 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Conditions
VRRM VRMS VDC IF(AV)
IFSM
65
A
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: Fax: (800)-TAITRON (800)-TAITFAX (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. B/AH 2008-01-16 Page 1 of 4
2.0A Sintered Glass Passivated Rectifier GP20A - GP20M
Symbol Description Maximum Instantaneous Forward Voltage Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance Typical Thermal Resistance Operating Junction and Storage Temperature Range GP20A GP20B GP20D GP20G 1.0 5 30 80 25 35 15 -65 to +175 pF C / W A GP20J GP20K GP20M Unit V Conditions IF=2.0 A TA=25 C TA=125 C TA=150 C VR=4V, f=1MHz Note
VF
IR
CJ RthJA RthJL TJ,TSTG
C
Note: Thermal resistance from junction to ambient at 0.375" (9.5mm) lead lengths, P.C.B mounted.
Typical Characteristics Curves
Fig.1-Max. Forward Current Derating Curve Peak Forward Surge Current (A) Ambient Temperature Ta (C) Fig.2-Max. Non-Repetitive Forward Surge Current
Average Forward Rectified Current (A)
Number of Cycles at 60Hz
Rev. B/AH 2008-01-16 www.taitroncomponents.com Page 2 of 4
2.0A Sintered Glass Passivated Rectifier GP20A - GP20M
Fig.3- Typical Forward Characteristics IR, Instantaneous Reverse current (A) Instantaneous Forward Current (A) Fig.4-Typical Reverse Characteristics
Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig.5- Typical Junction Capacitance
Junction Capacitance (pF)
Reverse Voltage (V)
Rev. B/AH 2008-01-16 www.taitroncomponents.com Page 3 of 4
2.0A Sintered Glass Passivated Rectifier GP20A - GP20M
Dimensions in inches (mm)
How to contact us:
DO-15 (DO-204AC)
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. B/AH 2008-01-16 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of GP20M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X