Part Number Hot Search : 
ESD9B5VD TA5010 E213I NS320 25001 15KP40CA 015L00 PIC16F
Product Description
Full Text Search
 

To Download FSA2269L10X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FSA2269 / FSA2269TS -- Low-Voltage Dual-SPDT (0.4) Analog Switch with Negative Swing Audio Capability
June 2008
FSA2269 / FSA2269TS -- Low-Voltage Dual-SPDT (0.4)
Analog Switch with Negative Swing Audio Capability
Features
0.4 Typical On Resistance (RON) for +3.0V Supply 0.25 Maximum RON Flatness for +3.0V Supply -3db Bandwidth: > 50MHz Low-ICCT Current Over an Expanded Control Input Range Packaged in 10-Lead MicroPakTM and UMLP Power-Off Protection on Common Ports Broad VCC Operating Range: 1.65 to 4.3V Noise Immunity Termination Resistors in FSA2269TS
Description
The FSA2269 is a high-performance, dual Single-Pole Double-Throw (SPDT) analog switch with negative swing audio capability. The FSA2269 features ultra-low RON of 0.4 (typical) at 3.0V VCC. The FSA2269 operates over a wide VCC range of 1.65V to 4.3V, is fabricated with submicron CMOS technology to achieve fast switching speeds, and is designed for break-before-make operation. The select input is TTL-level compatible. The FSA2269 features very low quiescent current even when the control voltage is lower than the VCC supply. This feature suits mobile handset applications by allowing direct interface with baseband processor general-purpose I/Os with minimal battery consumption. The FSA2269TS includes termination resistors that improve noise immunity during overshoot excursions, off-isolation coupling, or "pop-minimization."
Applications
Cell Phone, PDA, Digital Camera, and Notebook LCD Monitor, TV, and Set-Top Box
IMPORTANT NOTE:
For additional performance information, please contact analogswitch@fairchildsemi.com.
Ordering Information
Part Number
FSA2269L10X FSA2269UMX FSA2269TSL10X FSA2269TSUMX
Top Mark
HL HP HU HT
Eco Status
RoHS Green RoHS Green
Package Description
10-Lead, MicroPak, JEDEC MO-255, 1.6 x 2.1mm 10-Lead, Quad Ultrathin Molded Leadless Package (UMLP), 1.4x1.8mm, 0.4mm pitch 10-Lead, MicroPak, JEDEC MO-255, 1.6 x 2.1mm 10-Lead, Quad Ultrathin Molded Leadless Package (UMLP), 1.4x1.8mm, 0.4mm pitch
For Fairchild's definition of "green" Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
Analog Symbols
1B0 1B1 1A 3s tON S1
1B0 1B1 2B0 2B1 2A S2 1A S1
2B0 2B1 GND
10k
2A 3s tON S2
10k GND
Figure 1. FSA2269
(c) 2007 Fairchild Semiconductor Corporation FSA2269 / FSA2269TS * Rev. 1.0.2
Figure 2. FSA2269TS (with Slow Turn On)
www.fairchildsemi.com
FSA2269 / FSA2269TS -- Low-Voltage Dual-SPDT (0.4) Analog Switch with Negative Swing Audio Capability
www.fairchildsemi.com
(c) 2007 Fairchild Semiconductor Corporation FSA2269 / FSA2269TS * Rev. 1.0.2
12


▲Up To Search▲   

 
Price & Availability of FSA2269L10X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X