Part Number Hot Search : 
TA114E MSR33RT 440SH MSR33RT HT604 T460003 OM7500SC 15KW18A
Product Description
Full Text Search
 

To Download FMMT497 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors
High Voltage High Performance Transistor FMMT497
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Unit: mm
+0.1 2.4-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
SOT23 NPN silicon planar
+0.1 1.3-0.1
Features
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Peak collector current Base current Power dissipation Operating and storage temperature range Symbol VCBO VCEO VEBO IC ICM IB Ptot Tj,Tstg Rating 300 300 5 500 1 200 500 -55 to +150 Unit V V V mA A mA mW
Electrical Characteristics Ta = 25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage * Emitter-base breakdown voltage Collector cutoff current Collector Cut-Off Current Emitter cut-off current Collector-emitter saturation voltage * Base-emitter saturation voltage * Base-emitter voltage * Symbol V(BR)CBO IC=100iA V(BR)CEO IC=10mA V(BR)EBO IE=100iA ICBO ICES IEBO VCE(sat) VCB=250V VCE=250V VEB=4V IC=100mA,IB=10mA IC=250mA,IB=25mA Testconditons Min 300 300 5 100 100 100 0.2 0.3 1.0 1.0 100 80 20 75 5 MHz pF 300 Typ Max Unit V V V nA nA nA V V V
VBE(sat) IC=250mA,IB=25mA VBE(ON) IC=250mA,VCE=10V IC=1mA, VCE=10V
Static Forward Current Transfer Ratio
hFE
IC=100mA, VCE=10V* IC=250mA, VCE=10V*
Transition Frequency Collector-Base Breakdown Voltage * Pulse test: tp = 300 is; d 0.02.
fT Cobo
IC=50mA,VCE=10V,f=100MHz VCB=10V,f=1MHz
Marking
Marking 497
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of FMMT497

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X