|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
R/SEC/F51A.100/A/11/10/2000 RELAIS REED A CONTACT SEC/ REED RELAY / DRY CONTACT Pour circuit imprime/ page 1 / 2 F/GB For printed circuit board Un contact normalement ouvert/ F51A . 100 One normally open contact sous capot metal/ In metal cover caracteristisques principales/ main characteristics tension maximale de commutation/ maximum switching voltage courant maximal de commutation / maximum switching current puissance maximale/ contact rating 250 VDC ou crete (or peak) 400 mA REF. Marquage/Marking F51A2100 F51A2100 F51A5100 F51A5100 F51A7100 F51A7100 courant traversant/ nominal current 1 A 12 W materiau de contact/ contact material Rhodium 30 9,5 10 3,3 25,4 2,54 0,2 O0,6 2,54 dimensions en mm / dimensions in mm bornage : vue de dessus pas de 2,54 mm wiring : top view step 2,54 mm caracteristiques de controle/control data REF. tension max/ maximum voltage (V) tension nominale/ nominal voltage (V) tension d'action/ operate voltage to secure the function from -40 to + 85 C (V) tension de relachement/ release voltage (V) consommation nominale a 20 C/power dissipated on the coil at 20 C (mW) F51A 2 100 10 5 3,5 0,4 72 5 100 25 12 8,4 1 67 7 100 50 24 16,8 2 73 Proud to serve you All technical caracteristics are subject to change without previous notice. Caracteristiques sujettes a modifications sans preavis. r celduc e l a i s R/SEC/F51A.100/A/10/10/2000 page 2 / 2 F/GB caracteristiques electriques/electrical data resistance initiale de contact/ Initial contact resistance ( 100 mA/ 12 VAC) 100 m resistance de bobine/coil resistance at 20 C F51A 2 100 5 100 7 100 -variation 10 % each 25 C 345 2145 7845 tension de tenue/ hold-on voltage - entre lames/ accross contacts - entre bobine et contact/ between coil and contacts - entre boitier et contact /between case and contacts - entre boitier et bobine/ between case and coil resistance d'isolement/ insulation resistance - entre lames/ accross contacts - entre bobine et contact/ between coil and contacts - entre boitier et contact /between case and contacts - entre boitier et bobine/ between case and coil frequence de resonnance de l'interrupteur/ resonnance frequency of the switch temps de fermeture, rebonds inclus/ operate time, bounces included temps d'ouverture/ release time Duree de vie electrique/ Electrical life time Duree de vie mecanique/ mecanical life expectancy voltage 5V 250 Vac 500 Vac 500 Vac 500 Vac 1010 1010 1010 109 2000 Hz 1 ms 0,1 ms 50mV 10mA > 109 op 5V = 200mA > 90 106 >1. 109 op 30 V 200 100 VAC 60 caracteristiques physiques/ physical data current ( mA ) 10 life expectancy ( - x 106 op. ) 200 temperature de fontionnement/-9 operating temperature rate of failure ( - x 10 defaut / op.) 5 temperature de stockage/ storage temperature poids/ weight chocs/shocks (11ms) vibrations ( 50 to 2000 Hz ) 180 830 - 40 a + 85 C 5,6 1,2 - 40 a + 100 C 4 gr. max. 100 g 30 g celduc r e l a i s www.celduc.com Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19 |
Price & Availability of F51A5100 |