Part Number Hot Search : 
P6SMB39C C74AC TA4004F ADM696AQ J100A 270M10V J100A SC320
Product Description
Full Text Search
 

To Download ECS-400-125-13X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECS-31X SERIES
LOW FREQUENCY QUARTZ CRYSTALS
The ECS-31X Series features the same characteristics as only tuning fork crystals offer. Because of their miniature size they are ideal for portable and communication equipment applications.
FEATURES
* Miniature size * Cost effective * Long term stability * Excellent shock and vibration characteristics * PbFree/RoHS Compliant
PART NUMBERING GUIDE "EXAMPLE"
MANUFACTURER ECS ECS ECS - - - FREQUENCY .400 .400 2.0 - - - LOAD CAPACITANCE 12.5 12.5 12.5 - - - PACKAGE TYPE* 8X 13X 14X
* Package type examples (8x=3x8, 13x=2x6, 14x=1x5)
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PARAMETERS FREQUENCY RANGE FREQUENCY TOLERANCE FREQUENCY VS. TEMP. CHARAC. TURNOVER TEMPERATURE TEMPERATURE COEFFICIENT OPERATING TEMP. RANGE STORAGE TEMP. RANGE EQUIVALENT SERIES RESISTANCE LOAD CAPACITANCE MOTIONAL CAPACITANCE SHUNT CAPACITANCE CAPACITANCE RATIO DRIVE LEVEL INSULATION RESISTANCE AGING (FIRST YEAR) SHOCK RESISTANCE fo f/fo
f/f o
3X8X 20KHz ~ 40KHz 30 PPM
Tm TOPR TSTG R1 CL C1 C0 DL IR
f/f o
2X6X 1X5X 30KHz ~ 150KHz 200KHz 30 PPM 10,000 PPM See Drawing -10C ~ +60C +25C typ. 2 -0.034 PPM/C typ. -10 ~ +60 -40 ~ +85 30 ~ 50 (max.) 10 (max.) 12.5pF typ. (Customer Specified) 1 ~ 4fF typ. 0.8 ~ 1.7pF typ. 425 ~ 800 typ. 1W max. 500 M min. 5 PPM max. 5 PPM max.
CONDITIONS KHz @ +25C
Varies depending on frequency
C C K pF fF pF W DC 100V15 +25C 3C
Conditions will vary depending on frequency
Drop test of 3 times on a hard board from 75 cm height or shock test of 3000G x 0.3ms x 1/2 sin wave x 3 directions
PACKAGE DIMENSIONS (mm)
1.1
O 3.1 Max.
PARABOLIC TEMPERATURE CURVE
0.45
T (C)
-20 -10 0 10 20 30 40 50 -10 60 70
o 0.35
o 1.5 Max
o 0.2
-20 -30 -40
8.2 Max.
Figure 1) ECS-31X-8
0.7
10
5.1 Max.
4.3
-50 -60
Figure 3) ECS-31X-14
f/f (PPM)
o 2.1 Max
o 0.26
To determine frequency stability, use parabolic curvature. For example: What is the stability at 45C? 1) Change in T (C) = 45 -25 = 20C
6.2 Max.
10
Figure 2) ECS-31X-13
2) Change in frequency = -0.04 PPM x (S T) 2 = -0.04 PPM x (20) 2 = -16.0 PPM
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 * 913-782-7787 * 800-237-1041 * FAX 913-782-6991 * WWW.ECSXTAL.COM CRYSTALS 4 CRYSTALS


▲Up To Search▲   

 
Price & Availability of ECS-400-125-13X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X