Part Number Hot Search : 
OP20BJ 12N120 SEF103A 45012 MAX4313 5MF500 2SC394 88E1141
Product Description
Full Text Search
 

To Download ECS-327-125-26 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECX-26/ECX-15
32.768 KHz SMD TUNING FORK CRYSTAL
The miniature ECX-26 and the sub-miniature ECX-15 are compact, cost effective SMD tuning fork crystals. The slimline molded package requires less space than other SMD tuning fork crystals.
FEATURES
* Cost effective * Low profile * Long term stability * Tape & Reel packaging
PART NUMBERING GUIDE "EXAMPLE"
MANUFACTURER ECS - FREQUENCY (32.768 MHz) .327 - LOAD CAPACITANCE* 12.5 - PACKAGE TYPE 26
* Package type examples (26=ECX-26, 27=ECX-15) Sample Part Number: ECS-.327-12.5-26
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PARAMETERS FREQUENCY RANGE FREQUENCY TOLERANCE LOAD CAPACITANCE DRIVE LEVEL EQUIV. SERIES RESISTANCE Q-FACTOR TURNOVER TEMPERATURE TEMPERATURE COEFFICIENT SHUNT CAPACITANCE CAPACITANCE RATIO OPERATING TEMP RANGE STORAGE TEMP RANGE INSULATION RESISTANCE AGING (FIRST YEAR) MOTION CAPACITANCE CONDITIONS FO f/fo Optional CL available DL R1 Q +20 CO TOPR TSTG @ 100V DC 15V @ +25C 3C C1 -20 -40 500M 0.0025 MIN ECX-26 TYP 32.768 12.5 1.0 50K 70K +25 -0.35 0.9 360 +30 -0.04 +20 70K +25 -0.35 0.95 380 MAX 20 12.5 1.0 55K +30 -0.04 MIN ECX-15 TYP 32.768 MAX 20 UNITS KHz PPM pF W Q C PPM/C 2 pF C C PPM PF
+70 +125 3
-20 -40 500M +0.0025
+70 +125 3
PACKAGE DIMENSIONS (mm)
8.95 0.05 2.25 0.05
#2 #3

PARABOLIC TEMPERATURE CURVE
T (C)
-20 -10 0 10 20 30 40 50 -10 60 70
7.95 0.05 2.05 0.05
#2 #3

-20 -30 -40 -50
#1
#1
-60
2.05 0.05
1.55 0.05
f/f (PPM)
#2 #3 #1
0.85
#2 #3 #1
0.85
0.75
0.75
0.75 0.6 0.75
To determine frequency stability, use parabolic curvature. For example: What is the stability at 45C? 1) Change in T (C) = 45 -25 = 20C 2 2) Change in frequency = -0.04 PPM x (T) 2 = -0.04 PPM x (20) = -16.0 PPM
0.9
0.75
0.75
RECOMMENDED OSCILLATION CIRCUIT
Rf
Figure 1) ECX-26 Top, Side Bottom & End views
Figure 3) ECX-15 Top, Side Bottom & End views
Rd
0.85 0.5 0.85
C1
C2
0.95
In this circuit, low drive level with a maximum of 1W is recommended. If excessive drive is applied, irregular oscillation or quartz element fractures may occur.
0.95
0.7
2.7
0.8
2.2
0.7
0.85
7.4
0.85
0.85
0.6 6.4
0.6
0.85
Figure 2) ECX-26 Land Pattern
Figure 4) ECX-15 Land Pattern
ELECTRICAL CHARACTERISTICS IC: TC 4069P, Rf: 10M Rd: 330K (As required) C 1 = 22pF, C 2 = 22pF, V DD = 3.0V
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 * 913-782-7787 * 800-237-1041 * FAX 913-782-6991 * WWW.ECSXTAL.COM SMD CRYSTALS 15 SMD CRYSTALS


▲Up To Search▲   

 
Price & Availability of ECS-327-125-26

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X