Part Number Hot Search : 
20022 1402UF P5630 S3C9648 00222 AS7C3 1206C BGA063
Product Description
Full Text Search
 

To Download E213L3F1AKE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K E Series Sealed Miniature Toggle Switches
Features/Benefits * Sealed against solder and cleaning * * * *
process contaminants UL 94V-0 Nylon case and bushing Multi-positions ESD protection available RoHS compliant models available
Typical Applications * Telecommunications * Instrumentation * Medical equipment
Models Available
Specifications
CONTACT RATING: B contact material: 0.4 VA max. @ 20 V AC or DC max. Q contact material: E1XX & E2XX MODELS: 7.5 AMPS @ 125 V AC or 28 V DC; 3 AMPS @ 250 V AC. E3XX MODELS: 5 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC. See page G-25 for additional ratings. ELECTRICAL LIFE: E1XX and E2XX models: 40,000 make-and-break cycles at full load. E3XX models: 30,000 cycles. CONTACT RESISTANCE: Below 10 m typ. initial @ 2-4 V DC, 100 mA, for both silver and gold plated contacts. INSULATION RESISTANCE: 109 min. ELECTROSTATIC DISCHARGE (ESD) OPTION: F1 conductive bushing only. Dissipates up to 20,000 V DC from actuator to ground. DIELECTRIC STRENGTH: 1000 Vrms min. @ sea level. OPERATING TEMPERATURE: -30C to 85C. SOLDERABILITY: Per MIL-STD-202F method 208D, or EIA RS-186E method 9 (1 hour steam aging). DEGREE OF PROTECTION: IP57; Protection against harmful dust deposit, full-scale voltage protection, temporary immersion.
Materials
CASE & BUSHING: Glass filled nylon 6/6, flame retardant, heat stabilized (UL 94V-0). F1 conductive bushing option is impregnated with carbon fibers. ACTUATOR: Brass, chrome plated with internal o-ring seal standard. SWITCH SUPPORT: Brass or steel, matte-tin plated. SWITCH SUPPORT RETAINER: Stainless steel. CONTACTS & TERMINALS: B contact material: Copper alloy, with gold plate over nickel plate. Q contact material: Copper alloy, silver plated. See page G-29 for additional contact materials. TERMINAL SEAL: Epoxy. HARDWARE: Nut & Locking ring: Brass, nickel plated. Lockwasher: Steel, nickel plated.
NOTE: Any models supplied with P, S, R, Q, B or G contact material are RoHS compliant and compatible. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages G-23 thru G-29. For additional options not shown in catalog, consult our Customer Service Center. All models are process sealed to withstand machine soldering temperatures and pressure wash cleaning methods.
Switch Function E101 SP, On-None-On E103 SP, On-Off-On E105 SP, Mom.-Off-Mom. E107 SP, On-Off-Mom. E108 SP, On-None-Mom. E201 DP, On-None-On E203 DP, On-Off-On E205 DP, Mom.-Off-Mom. E207 DP, On-Off-Mom. E208 DP, On-None-Mom. E211 DP, On-On-On E213 DP, On-On-Mom. E215 DP, Mom.-On-Mom. E301 3P, On-None-On
Actuator M .300" high S .500" high L3 Plastic, .940" high Bushing D1 .250" high F1 Conductive, .250" high* D9 .280" high Y Threaded, .350" high Terminations A Right angle, PC thru-hole AV2 Vertical right angle, PC thru-hole C PC Thru-hole V3 .460" high, V-bracket Z Solder lug A3 Right angle, PC thru-hole AV3 Vertical right angle, PC thru-hole V6 .460" high, V-bracket V9 1.150" high, V-bracket V31 .460" high, snap-in V-bracket V61 .460" high, snap-in V-bracket W .750" long, wire wrap Z3 Quick connect
G Toggle
* F1 available with SP and DP versions only, please see page G-24
Contact Material B Gold K Gold, tin-lead P Gold, matte-tin Q Silver M Silver, tin-lead S Silver, matte-tin G Gold over silver L Gold over silver, tin-lead R Gold over silver, matte-tin Seal E Epoxy
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
G-22
www.ittcannon.com
C&K E Series Sealed Miniature Toggle Switches
SWITCH FUNCTION
SWITCH FUNCTION POS. 1 POS. 2 POS. 3 CONNECTED TERMINALS POS. 2
POS. 1
POS. 3
NO. POLES
MODEL NO.
C&K marking on opposite side ON ON MOM. ON ON NONE OFF OFF OFF NONE ON ON MOM. MOM. MOM. 2-3 2-3 2-3
C&K marking on opposite side N/A 2-1
SCHEMATIC
E101 E103
SP
E105 E107 E108
OPEN
2-1
N/A
2-1
SPDT
SPDT
Part number shown: E101SD1CBE
Terminal Numbers For Reference Only
E201 E203 E205 E207
DP
ON ON MOM. ON ON ON ON MOM.
NONE OFF OFF OFF NONE ON ON ON
ON ON MOM. MOM. MOM. ON MOM. MOM.
2-3,5-6
N/A
2-1,5-4
2-3,5-6
OPEN
2-1,5-4
E208 E211 ** E213** E215** DPDT
2-3,5-6
N/A
2-1,5-4
2-3,5-6
2-3,5-4
2-1,5-4 DPDT
Terminal Numbers For Reference Only Part number shown: E201SD1CBE MOM. = Momentary All models with all options when ordered with G, L, R, M, Q or S contact material except with F1 conductive bushing. ** Wiring for 3-way switch, see Section O.
G Toggle
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
G-23
www.ittcannon.com
C&K E Series Sealed Miniature Toggle Switches
SWITCH FUNCTION
SWITCH FUNCTION POS. 1 POS. 2 POS. 3 POS. 1 CONNECTED TERMINALS POS. 2 POS. 3
NO. POLES
MODEL NO.
C&K marking on opposite side
C&K marking on opposite side
SCHEMATIC
3P
E301
ON
NONE
ON
2-3,5-6,8-9
N/A
2-1,5-4,8-7 3PDT
3PDT
Part number shown: E301SD1CBE MOM. = Momentary All models
Terminal Nos. For Reference Only
** Wiring for 3-way switch, see Section O. with all options when ordered with G, L, R, M, Q or S contact material except with F1 conductive bushing.
ACTUATOR COLOR
ACTUATOR
ACTUATOR
M
.300" HIGH
S
.500" HIGH
L3
PLASTIC, .940" HIGH ?
*
* Gloss plastic * OPTION CODE L3 ACTUATOR COLOR BLACK
2
Chrome finish Standard when ordered with A, A3, AV2, AV3, V2-V61 terminations. Finish: Chrome. Standard when ordered with C, Z, Z3, W & W4 terminations. Finish: Chrome
Other colors available, consult Customer Service Center. No color choice required for S & M actuators.
* Actuators shown with standard D1 bushing. Subtract .030 (0,76) for D9 bushing. Subtract .100 (2,54) for Y bushing.
BUSHING
D1 F1
.250" HIGH, UNTHREADED ESD CONDUCTIVE BUSHING, .250" HIGH, UNTHREADED
D9
.280" HIGH, UNTHREADED
Y
THREADED, INSULATED, .350" HIGH WITH KEYWAY
F1 bushing is not UL/CSA approved
1/4-40 UNS-2A PANEL MOUNTING
G Toggle
ESD protection depends on proper grounding of switch support bracket. F1 conductive bushing option is impregnated with carbon fibers; dissipates electrostatic discharge (ESD) up to 20,000 V from actuator to ground. Available with SP and DP only with M & S actuator options and A, A3, AV2, AV3, V3-V61 termination options.
E3XX models not available with D9 bushing.
Available only with C, Z, Z3, & W terminations. Hardware: One dress nut part number 780701201, one hex nut part number 540400201 and lockwasher part number 700303202 supplied standard. Will withstand 4 in.-lbs. of torque with no distortion.
NOTE: Internal o-ring actuator seal standard for all bushing options. Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
G-24
www.ittcannon.com
C&K E Series Sealed Miniature Toggle Switches
TERMINATIONS
Z
SOLDER LUG
C
PC THRU-HOLE
PC MOUNTING
SPDT thru 3PDT
Not available with F1 conductive bushing or K, L or M contact material.
SPDT thru 3PDT
Not available with F1 conductive bushing.
Z3
QUICK CONNECT
SPDT thru 3PDT
Not available with F1 conductive bushing or K, L or M contact material. Mating quick connector available; order part number 530100000, page G-26.
A
RIGHT ANGLE, PC THRU-HOLE
Actuator Shown In Pos. 1 SECTION A-A Terminal Nos. For Reference Only
A3
RIGHT ANGLE, SNAP-IN, PC THRU-HOLE
PC MOUNTING
E101MD1ABE Horizontal Actuation
SPDT
Not available with Y bushing. Terminal bend radii and lead-in manufacturing option.
A
RIGHT ANGLE, PC THRU-HOLE
Actuator Shown In Pos. 1 SECTION A-A
A3
RIGHT ANGLE, SNAP-IN, PC THRU-HOLE
Terminal Nos. For Reference Only PC MOUNTING
E201MD1ABE Horizontal Actuation
DPDT
G Toggle
Not available with Y bushing. Terminal bend radii and lead-in manufacturing option. Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
G-25
www.ittcannon.com
C&K E Series Sealed Miniature Toggle Switches
TERMINATIONS
A
RIGHT ANGLE, PC THRU-HOLE PC MOUNTING
E301MD1ABE Horizontal Actuation
Actuator Shown In Pos. 1
3PDT
Not available with D9 & Y bushings. Terminal bend radii and lead-in manufacturing option.
SECTION A-A Terminal Nos. For Reference Only
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE, .150" PITCH
E101MD1AV2BE Vertical Actuation
Actuator Shown In Pos. 1 SECTION A-A PC MOUNTING
SPDT
AV3
VERTICAL RIGHT ANGLE, SNAP-IN, PC THRU-HOLE, .150" PITCH
Not available with Y bushing. Terminal bend radii and lead-in manufacturing option.
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE, .150" PITCH
E201MD1AV2BE Vertical Actuation
SECTION A-A Actuator Shown In Pos. 1 PC MOUNTING
DPDT
A3
VERTICAL RIGHT ANGLE, SNAP-IN, PC THRU-HOLE, .150" PITCH
G Toggle
Not available with Y bushing. Terminal bend radii and lead-in manufacturing option.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
G-26
www.ittcannon.com
C&K E Series Sealed Miniature Toggle Switches
TERMINATIONS
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE, .150" PITCH
E301MD1AV2BE Vertical Actuation
3PDT
Actuator Shown In Pos. 1 SECTION A-A PC MOUNTING VERTICAL RIGHT ANGLE, SNAP-IN, PC THRU-HOLE .150" PITCH
AV3
Not available with D9 & Y bushings. Terminal bend radii and lead-in manufacturing option.
V6 V61
VERTICAL MOUNT, V-BRACKET VERTICAL MOUNT, V-BRACKET, SNAP-IN
PC MOUNTING
E101MD1__BE
SPDT
SNAP-IN OPTION CODE DIM `A' .460 (11,68)
V6, V61
Actuator Shown In Pos. 1 Not available with Y bushing.
V6 V61
VERTICAL MOUNT, V-BRACKET VERTICAL MOUNT, V-BRACKET, SNAP-IN
PC MOUNTING
E201MD1__BE
DPDT
SNAP-IN OPTION CODE
G
DIM `A'
Toggle
V6, V61
Actuator Shown In Pos. 1 Not available with Y bushing.
.460 (11,68)
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
G-27
www.ittcannon.com
C&K E Series Sealed Miniature Toggle Switches
TERMINATIONS
V3, V9 VERTICAL MOUNT, V-BRACKET V31 VERTICAL MOUNT, V-BRACKET, SNAP-IN
PC MOUNTING
OPTION CODE SNAP-IN
DIM `A' .460 (11,68) 1.150 (29,21)
E101MD1__BE
V3, V31 V9
SPDT
Actuator Shown In Pos. 1 Not available with Y bushing.
V3, V9 VERTICAL MOUNT, V-BRACKET V31 VERTICAL MOUNT, V-BRACKET, SNAP-IN
PC MOUNTING
OPTION CODE SNAP-IN
DIM `A' .460 (11,68) 1.150 (29,21)
E201MD1__BE
V3, V31 V9
DPDT
Actuator Shown In Pos. 1 Not available with Y bushing.
V9
VERTICAL MOUNT, V-BRACKET PC MOUNTING
E301MD1__BE
OPTION CODE SNAP-IN
DIM `A' 1.150 (29,21)
G Toggle
3PDT
V9
Actuator Shown In Pos. 1 Not available with D9 & Y bushings.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
G-28
www.ittcannon.com
C&K E Series Sealed Miniature Toggle Switches
CONTACT MATERIAL
OPTION CODE RoHS RoHS COMPLIANT COMPATIBLE YES NO YES YES NO YES YES NO YES YES YES YES YES YES YES YES YES YES GOLD OVER SILVER
2,3
CONTACT MATERIAL
TERMINAL PLATING GOLD
1
RATINGS
B K P Q M S G L R
GOLD 1
TIN-LEAD 6 MATTE-TIN 7 SILVER 5
LOW LEVEL/ DRY CIRCUIT
0.4 VA MAX. @ 20 V AC OR DC MAX.
SILVER 4,5
TIN-LEAD 6 MATTE-TIN 7 GOLD 3 TIN-LEAD 6 MATTE-TIN 7
POWER
E1XX & E2XX MODELS: 7.5 AMPS @ 125 V AC OR 28 V DC; 3 AMPS @ 250 V AC. E3XX MODELS: 5 AMPS @ 125 V AC OR 28 V DC; 2 AMPS @ 250 V AC. E1XX AND E2XX MODELS: 0.4 VA MAX @20 V AC OR DC MAX. OR 7.5 AMPS @125 V AC OR 28 V DC; 3 AMPS @ 250 V AC. DC E3XX MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR 5 AMPS @ 125 V AC OR 28 V DC; 2 AMPS @ 250 V AC.
LOW LEVEL/DRY CIRCUIT OR POWER
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 2 3
CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate. END CONTACTS: Coin silver, with gold plate over nickel plate. CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over nickel plate. END CONTACTS: Coin silver, silver plated.
NOTE: Any models supplied with P, S, R, Q, B or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models with all options when ordered with S, R, G, L, M or Q contact material except with F1 conductive bushing.
B contact material standard with all terminations. P, S, R, K, L & M contact materials not available with Z & Z3 terminations.
4 5
CENTER CONTACT & ALL TERMINALS: Copper alloy, with gold flash over silver plate. Or copper alloy, silver plated.
6 7
TERMINALS: Copper alloy, with tin-lead alloy over nickel plate. TERMINALS: Copper alloy, with matte-tin over nickel plate.
G Toggle
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
G-29
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of E213L3F1AKE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X