Part Number Hot Search : 
PA2410 15N60C PT78N ECH8672 BAT38MP TC124 TLP60 N5249B
Product Description
Full Text Search
 

To Download CWM-10R-132G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CWM-R Series
DIRECTIONAL COUPLERS
0.5 to 26.5 GHz / Ultra-Broadband / 10, 16, 20 dB Coupling / High-Perf. Stripline / 25 W / SMA
PRINCIPAL SPECIFICATIONS
Model Number CWM-20R-9.2G CWM-10R-10.2G CWM-16R-10.2G CWM-10R-10.8G CWM-16R-10.8G CWM-10R-13.2G CWM-16R-13.2G CWM-10R-13.8G CWM-16R-13.8G CWM-10R-16G CWM-20R-16G CWM-10R-22G CWM-20R-22G Frequency Range, GHz 0.5 - 18.0 0.5 - 20.0 1.7 - 20.0 0.5 - 26.5 1.7 - 26.5 6.0 - 26.5 18.0 - 26.5 Coupling, Frequency dB, Sensitivity, Nom. dB, Max. 20 1.0 10 1.0 16 1.0 10 1.0 16 1.0 10 1.0 16 1.0 10 1.0 16 1.0 10 1.0 20 1.0 10 1.0 20 1.0 1.0 1.0 0.55 1.0 0.6 0.5 0.5 Directivity, *Insertion dB, Loss, Min. dB, Max. 14 14 15 12 14 14 14 1.3 1.3 1.2 0.9 2.0 1.6 1.5 1.0 1.0 0.7 1.0 0.7 VSWR Max., Outline Main Coupled Ref. Line Line Dim. 1.40:1 1.35:1 1.35:1 1.50:1 1.40:1 1.35:1 1.45:1 1.45:1 1.50:1 1.35:1 1.45:1 1.50:1 1.50:1 1.45:1 1.45:1 1.45:1 1 1 2 1 2 3 3
Coupling is referenced to the output
* Insertion Loss above Coupling Loss
POWER SPECIFICATIONS
Coupled ``Loss'': 10 dB units: 16 dB units: 20 dB units: 30 dB units: 0.46 dB 0.08 dB 0.044 dB 0.004 dB 3 kW max. 25 Watts max. 5 Watts max. 50 Watts max.
GENERAL SPECIFICATIONS
Impedance: Operating Temp: Available Options: Connectors: Frequencies: Higher Power : Coupling: TNC & N type available Available to 65 GHz. With N connectors 30 dB available 50 nom. -- 55 to +85C
Peak Power: Input Power (Forward): Reflected Power: 10/16 dB units: 20/30 dB units:
General Notes: 1. The CWM-R series of directional couplers consists of three port devices utilizing stripline technology in a connectorized package. Each unit is a multi-section quarter wave coupler designed to cover a very broad band of frequencies. They are ideally suited for monitoring forward or reflected power in EW and similar wideband systems with minimal perturbation to the main line signal. 2. Similar directional couplers may be custom ordered with coupling values up to 35 dB and covering frequency bands up to 26.5 GHz. 3. These units comply with MIL-C-15370 and may be supplied screened for compliance with additional specifications you designate for military and aerospace applications requiring the highest reliability. 22Feb96
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
CWM-R Series
DIRECTIONAL COUPLERS
500 MHz to 26.5 GHz / Ultra-Broadband / 10, 16, 20 dB Coupling / High-Perf. Stripline / 25 W / SMA
NOTES: 1. Tolerance on 3 place decimals ae.020(.51) except as noted. 2. Dimensions in inches over mm 3. Weights are nominal.
21Feb96
F rf t e if r to c n a tM ERRI AC /41 Faifel Pl,W estCal el,NJ,07006 / 973o ur h r n o ma in o t c M ri d . dw l 5751300 /FAX 973- 0531 575-


▲Up To Search▲   

 
Price & Availability of CWM-10R-132G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X