Part Number Hot Search : 
BU2286FV 07104GOA DBS107G MK48256L MK48256L MBR1535 SS14E 9S12DG
Product Description
Full Text Search
 

To Download CMA-6542TF-K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 page date
1 of 4
06/2008
PART NUMBER: CMA-6542TF-K
DESCRIPTION: electret condenser microphone
SPECIFICATIONS
directivity sensitivity (S) sensitivity reduction (S-Vs) operating voltage output impedance (Zout) operating frequency (f) current consumption (IDSS) signal to noise ratio (S/N) operating temperature storage temperature dimensions weight material terminal RoHS
note:
omnidirectional -42 2 db f = 1KHz, 1Pa -3 dB f = 1KHz, 1Pa 1.5 V dc (standard), 10 V dc (max.) 1.5 K f = 1KHz, 1Pa 100 ~ 20,000 Hz 0.5 mA max. Vs = 1.5 V dc 58 dBA f = 1KHz, 1Pa -20 ~ +70 C -20 ~ +70 C o9.7 x 6.5 mm 0.85 g max. Al terminal type (hand soldering only) yes
0dB = 1V/Pa Vs = 1.5 ~ 1.0 V dc
RL = 1.5K A-weighted
We use the "Pascal (Pa)" indication of sensitivity as per the recomendation of I.E.C. (International Electrotechnical Commission). The sensitivity of "Pa" will increase 20dB compared to the "ubar" indication. Example: -60dB (0dB = 1V/ubar) = -40dB (1V/Pa)
APPEARANCE DRAWING
tolerances not shown: 0.3mm
6.5 0.2 terminal 1
9.7 0.2
terminal 2
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
page date
2 of 4
06/2008
PART NUMBER: CMA-6542TF-K
DESCRIPTION: electret condenser microphone
MEASUREMENT CIRCUIT
RL = 1.5K
FREQUENCY RESPONSE CURVE
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
page date
3 of 4
06/2008
PART NUMBER: CMA-6542TF-K
DESCRIPTION: electret condenser microphone
MECHANICAL CHARACTERISTICS
item soldering heat resistance PCB wire pull strength test condition evaluation standard Soldering iron of 270 5C should be placed on No interference in operation. the terminal for 2 0.5 seconds. The pull force will be applied to double lead wire: No damage or cutting off. Horizontal 4.9N (0.5kg) for 30 seconds The part will be measured after applying a vibration amplitude of 1.5 mm with 10 to 55 Hz band of vibration frequency to each of the After any tests, the sensitivity 3 perpendicular directions for 2 hours. should be within 3dB compared The part will be dropped from a height of to the initial measurement. 1 m onto a 20 mm thick wooden board 3 times in 3 axes (X, Y, Z) for a total of 9 drops.
vibration
drop test
ENVIRONMENT TEST
item high temp. test low temp. test humidity test temp. cycle test test condition After being placed in a chamber at +70C for 72 hours. After being placed in a chamber at -20C for 72 hours. After being placed in a chamber at +40C and 905% relative humidity for 240 hours. The part shall be subjected to 10 cycles. One cycle will consist of: evaluation standard
The part will be measured after being placed at +25C for 6 hours. After any tests, the sensitivity should be within 3dB compared to the initial measurement.
TEST CONDITIONS
standard test condition judgement test condition a) temperature: +5 ~ +35C a) temperature: +25 2C b) humidity: 45 - 85% b) humidity: 60 - 70% c) pressure: 860-1060 mbar c) pressure: 860-1060 mbar
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
page date
4 of 4
06/2008
PART NUMBER: CMA-6542TF-K
DESCRIPTION: electret condenser microphone
PACKAGING
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383


▲Up To Search▲   

 
Price & Availability of CMA-6542TF-K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X