Part Number Hot Search : 
CS8101 UDN3626 121M100 RY210005 DSP56 CP305 SM2150A R5F21
Product Description
Full Text Search
 

To Download BUT12A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BUT12A
DESCRIPTION *High Voltage *High Speed Switching
APPLICATIONS *Converters *Inverters *Switching regulators *Motor control systems
ABSOLUTE MAXIMUM RATINGS (Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB
B
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Collector Current-Peak Base Current-Continuous Base Current-Peak Collector Power Dissipation @TC=25 Junction Temperature Storage Temperature Range
VALUE 1000 450 9 8 20 4 6 125 150 -65~150
UNIT V V V A A A A W
IBM PC Tj Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance,Junction to Case MAX 1.0 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
BUT12A
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 0.1A; IB= 0, L= 25mH
450
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 5A; IB= 1A
B
1.5
V
VBE(sat) ICES IEBO
Base-Emitter Saturation Voltage
IC= 5A; IB= 1A
B
1.5 1 3 10
V
Collector Cutoff Current
VCE=RatedVCES ;VBE= 0 VCE=RatedVCES ;VBE= 0;TC=125 VEB= 9V; IC= 0
mA
Emitter Cutoff Current
mA
hFE-1
DC Current Gain
IC= 10mA; VCE= 5V
10
35
hFE-2
DC Current Gain
IC= 1A; VCE= 5V
10
35
Switching Times ;Resistive Load s s s
ton ts tf
Turn-on Time
1.0
Storage Time
IC= 5A; IB1= -IB2=1A
4.0
Fall Time
0.8
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of BUT12A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X