Part Number Hot Search : 
BR88DL BAS45A SW1251W FDD6760A UPD70F33 MAX5854 90020 MBR2540
Product Description
Full Text Search
 

To Download BDW93 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-220C package *High DC Current Gain *DARLINGTON *Complement to type BDW94/A/B/C APPLICATIONS *Hammer drivers, *Audio amplifiers applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
BDW93/A/B/C
Absolute maximum ratings(Ta=25 )
SYMBOL PARAMETER BDW93 VCBO Collector-base voltage BDW93A BDW93B BDW93C BDW93 VCEO Collector-emitter voltage BDW93A BDW93B BDW93C VEBO IC ICM IB PC Tj Tstg Emitter-base voltage Collector current-DC Collector current-Pulse Base current Collector power dissipation Junction temperature Storage temperature TC=25 Open collector Open base Open emitter CONDITIONS VALUE 45 60 80 100 45 60 80 100 5 12 15 0.2 80 150 -65~150 V A A A W V V UNIT
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case MAX 1.5 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER BDW93 Collector-emitter sustaining voltage BDW93A IC=0.1A, IB=0 BDW93B BDW93C VCEsat-1 VCEsat-2 VBEsat-1 VBEsat-2 Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter saturation voltage BDW93 Collector cut-off current BDW93A BDW93B BDW93C BDW93 Collector cut-off current BDW93A BDW93B BDW93C IEBO hFE-1 hFE-2 hFE-3 VF-1 VF-2 Emitter cut-off current DC current gain DC current gain DC current gain Forward diode voltage Forward diode voltage IC=5A ,IB=20mA IC=10A ,IB=0.1A IC=5A ,IB=20mA IC=10A ,IB=0.1A VCB=45V, IE=0 VCB=60V, IE=0 80 100 CONDITIONS MIN 45 60 SYMBOL
BDW93/A/B/C
TYP.
MAX
UNIT
VCEO(SUS)
V
2.0 3.0 2.5 4.0
V V V V
ICBO
0.1 VCB=80V, IE=0 VCB=100V, IE=0 VCE=45V, IB=0 VCE=60V, IB=0 1.0 VCE=80V, IB=0 VCE=100V, IB=0 VEB=5V; IC=0 IC=3A ; VCE=3V IC=5A ; VCE=3V IC=10A ; VCE=3V IF=5A IF=10A 1000 750 100 2.0 4.0 20000 2
mA
ICEO
mA
mA
V V
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BDW93/A/B/C
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of BDW93

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X