Part Number Hot Search : 
9318M8 CMX868 D592A 104MPW4 CMX868 BC547C 5KE18CA 284884
Product Description
Full Text Search
 

To Download B160100AA5A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Time and hours meters electromechanic
Hour counters with DIN dimensions Display 7-digits, VAC or VDC trigger
B 160
Features - Time and hour counter - DC and AC - 7-digit number wheel counter - Measuring range AC: 99999.99 h - Measuring range DC: 999999.9 h - Without reset
B 160 for DC and AC Technical data - electrical ratings Voltage supply 24/230 VAC 10 % (50 Hz) 110 VAC 10 % (60 Hz) 10...80 VDC 50 Hz (24 / 230 VAC) 60 Hz (110 VAC) 1.5 W, 1.5 VA AC: synchronous to mains, synchro motor DC: <1 s / 24 h, stepping motor CE conform Description Baumer IVO hour counters are applied anywhere to make costs become evident, to observe maintenance intervals, to define warranty periods or to record operation hours. Technical data - mechanical design Display Number of digits Digit height Measuring range Reading accuracy Operating temperature Storing temperature Relative humidity Protection DIN EN 60529 Housing type E-connection Mounting Dimensions W x H x L Cutout dimensions Installation depth Weight approx. Material White numbers on black 7-digits 4 mm AC: 99999.99 h DC: 999999.9 h AC: 1/100 h = 36 s DC: 1/10 h = 6 min -25...+70 C -40...+85 C IP 65 face Built-in housing Screw terminal connector Clip frame 48 x 48 x 38 mm See dimensional drawing 38 mm 110 g Housing: plastic
Subject to modification in technic and design. Errors and omissions excepted. 11/12/2008
Nominal frequency Power consumption Gear precision
Approval
80 % non-condensing
1
www.baumerivo.com
Time and hours meters electromechanic
Hour counters with DIN dimensions Display 7-digits, VAC or VDC trigger
B 160
Part number B 160.100A Voltage / counting capacity A5A 24 VAC, 50 Hz / 99 999.99 h A9A 230 VAC, 50 Hz / 99 999.99 h B8A 110 VAC, 60 Hz / 99 999.99 h CBB 10...80 VDC / 999 999.9 h Dimensions Clip frame mount, front 48 x 48 mm 48 38 Adaptor for mounting rail Z 118.039 (EN 50022) 45 11.2
Installation step 1 Adaptor frame Z 118.037, front 55 x 55 mm 55 7
2 mounting screws included in delivery scope
Adaptor frame Z 118.038, front 72 x 72 mm 72 7
Installation step 1, 2 or 3 Installation step 1, 2 or 3
Installation step 1
o5 +1 5 0.
Subject to modification in technic and design. Errors and omissions excepted.
Installation step 2
Installation step 3
o51
45.5+0.5
46
35
2
www.baumerivo.com
11/12/2008


▲Up To Search▲   

 
Price & Availability of B160100AA5A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X