Part Number Hot Search : 
SL5421 09XA3 LL1545A IM11GR 012104 030CT TL3700 W005G
Product Description
Full Text Search
 

To Download AXX5032 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Specification Oscillator type :
Issue: 02 Date: 2006-03-18 AXX5032 Quartz Crystal Unit in SMD package 5.0x3.2 mm 4pad RoHS compliant
Parameter
Frequency range Actual frequency f0 Crystal cut / Vibration mode Load capacitance CL Overtone Adjustment tolerance Frequency stability Frequency stability over temperature range operating temperature range (steady state)
min. typ. max. Unit
10 50 MHz MHz AT 8 pF, 10 pF or Series 1 10 / 30 / 50/ 100 ppm ppm 10 ~ 100 ppm 0 +50 C -10 +60 C -20 +70 C -40 +85 C 5 ppm 150 100 70 50 fF 7 pF 50 500 W 500 M -40 +85 C 5.0 x 3.2 x 1.1 Frequency (MHz) + Date Code Tape & Reel
Condition
@ 25C +-5C Overall (Note 1) See table below
long term (aging) Resonance resistance Rr
@ 10 ~ 12 MHz @ >12 ~ 16 MHz @ >16 ~ 30 MHz @ >30 ~ 50 MHz
Motional capacitance C1 Static capacitance C0 Drive level Insulation resistance Storage temperature range Enclosure (see drawing) marking
100 V DC IEC 61637
IEC 60286-3 Packing Notes: 1. Overall frequency stability = initial tolerance + temp. stability + aging (1st year) 2. Terminology and test conditions are according to IEC standard IEC60122-1, unless otherwise stated 3. Measurement technique according to IEC 60444-5 or equivalent
Frequency vs. Temperature Stabilities 0 ~ +50C 10 ppm 30 ppm 50 ppm 100 ppm -10 ~ +60C 15 ppm 30 ppm 50 ppm 100 ppm -20 ~ +70C 20 ppm 30 ppm 50 ppm 100 ppm -40 ~ +85C 30 ppm 50 ppm 100 ppm
GmbH & Co. KG Wasemweg 5 D-74821 Mosbach Germany
AXX5032 page 1(2)
www.axtal.com fon: +49 (6261) 939834 fax: +49 (6261) 939836 E-mail: info@axtal.com
Enclosure drawing
Environmental conditions
Test Visual inspection, dimensions Sealing tests Solderability Resistance to soldering heat Shock Bump Free fall Vibration, sinusoidal IEC 60068 Part ... IEC 61178-1 clause ... 4.5 4.6 4.8.2 4.8.3 Test conditions Enclosure styles as in IEC 60122-3, if applicable Gross leak: Test Qc, Fine leak: Test Qk Test Ta (235 5)C Method 1 Test Tb Method 1A, 5s Test Ea, 3 x per axes 100g, 6 ms half-sine pulse Test Eb, 4000 bumps per Axes, 40g, 6 ms Test Ed procedure 1, 2 drops from 1m height Test Fc, 30 min per axes, 10 Hz - 55 Hz 0,75mm; 55 Hz 1 kHz, 10g Test Na, 10 cycles at extremes of operating temperature range Test Ba, 16 h at upper temperature indicated by climatic category Test Db variant 1 severity b), 55C/95% r.H., 6 cycles Test Aa, 2 h at lower temperature indicated by climatic category Sequence of 4.8.11, 4.8.12 (1st cycle), 4.8.13, 4.8.12 (5 cycles) Test Ca, 56 days
2-17 2-20
2-27 2-29 2-32 2-6
4.8.8 4.8.6 4.8.9 4.8.7
Rapid change of temperature Dry heat
2-14 2-2
4.8.5 4.8.11
Damp heat, cyclic Cold
2-30 2-1
4.8.12 4.8.13
Climatic sequence Damp heat, steady state Endurance tests - ageing - extended aging
1-7 2-3
4.8.14 4.8.15
4.9.1 4.9.2
30 days @ 85C 1000h, 2000h, 8000h @85C
GmbH & Co. KG Wasemweg 5 D-74821 Mosbach Germany
AXX5032 page 2(2)
www.axtal.com fon: +49 (6261) 939834 fax: +49 (6261) 939836 E-mail: info@axtal.com


▲Up To Search▲   

 
Price & Availability of AXX5032

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X