Part Number Hot Search : 
BE100 12003 331M16 AUIRF7 20N60A4D C3466 10N80E D8087
Product Description
Full Text Search
 

To Download AT90SC28872RCU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
General
* * * * * * * High-performance, Low-power SecureAVRTM RISC Architecture
- 135 Powerful Instructions (Most Executed in a Single Clock Cycle) Low Power Idle and Power-down Modes Bond Pad Locations Conforming to ISO 7816-2 ESD Protection to 6000V Operating Ranges: 2.7 to 5.5V Compliant with GSM, 3GPP and EMV 2000 Specifications, PC Industry Compatible Available in Wafers, Modules, and Industry-standard Packages
Memory
* 288K Bytes of ROM Program Memory including 32K bytes of ROM with specific access * 72K Bytes of EEPROM, Including 128 OTP Bytes and 384-byte Bit-addressable Bytes
- 1 to 128-byte Program / Erase - 1.25ms Program / 1.25ms Erase - Typically 500,000 Write/Erase Cycles at a Temperature of 25oC - 10 Years Data Retention - EEPROM Erase only mode - Write EEPROM with or without autoerase * 8K bytes RAM Memory (6K bytes of secureAVR RAM, 2K bytes of AdvXTM RAM, shared with the secureAVR core)
Secure Microcontroller for Smart Cards AT90SC 28872RCU Summary
Peripherals
* One I/O Port * One ISO 7816 Controller * * * * * * * * *
- Up to 625 Kbps at 5 MHz - Compliant with T=0 and T=1 Protocols Programmable Internal Oscillator (Up to 30 MHz for AdvX and 30 Mhz for internal CPU Clock) Two 16-bit Timers Random Number Generator (RNG) 2-level Interrupt Controller Hardware DES and Triple DES DPA/DEMA Resistant Checksum Accelerator Code Signature Module CRC16 & 32 Engine (Compliant with ISO/IEC 3309) 32-Bit Cryptographic Accelerator (AdvX for Public Key Operations) - RSA, DSA, ECC, Diffie-Hellman
Security
* Dedicated Hardware for Protection Against SPA/DPA/SEMA/DEMA Attacks * Advanced Protection Against Physical Attack, Including Active Shield, EPO, CStack * * * * * *
Checker, Slope Detector, Parity Errors Environmental Protection Systems Voltage Monitor Frequency Monitor Temperature Monitor Light Protection Secure Memory Management/Access Protection (Supervisor Mode)
Certification targeted
* CC EAL5+ * VISA * CAST
6542BS-SPD-02May07
Note: This is a summary document. A complete document will be available under NDA. For more information, please contact your local Atmel sales office.
Development Tools
* Voyager Emulation Platform (ATV4) to Support Software Development * IAR Embedded Workbench(R) V4.20 Debugger or Atmel's AVR Studio(R) Version 4.07 or Above * Software Libraries and Application Notes
Description
The AT90SC28872RCU is a low-power, high-performance, 8/16-bit microcontroller with ROM program memory, EEPROM memory, based on the SecureAVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the AT90SC28872RCU achieves throughputs close to 1 MIPS per MHz. Its Harvard architecture includes 32 general-purpose working registers directly connected to the ALU, allowing two independent registers to be accessed in one single instruction executed in one clock cycle. In addition to the 288K bytes of embedded ROM, the AT90SC28872RCU includes 72K of Atmel's high density EEPROM. The ability to map the EEPROM in the code space allows parts of the program memory to be reprogrammed in-system. This technology combined with the versitile 8/16-bit CPU on a monolithic chip provides a highly flexible and cost-effective solution to many smart card applications. Figure 1 shows a block diagram of the AT90SC28872RCU
Figure 1. AT90SC28872RCU SecureAVR Enhanced RISC Architecture
Data Bus 8-bit OTP EEPROM User Memory CRYPTO ROM Program Memory 16 Instruction Register 16 8 Instruction Decoder 16 Control Lines Status Register 8 General Purpose Registers X
Y Z
Access Control
RNG
Secure Control
CLK GND
VCC
PC
Access Control 8
AdvX CryptoCoprocessor
ALU
RAM Data Memory Interrupt Unit ISO 7816 Controller ISO 7816 I/O Port 0 Timer 0 Timer 1 DES DPA Counter measures CRC and Checksum Accelerator Reset Circuit RST
IN/OUT0
Code Signature Module
2
AT90SC28872RCU
6542BS-SPD-02May07
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Secure Products
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) Atmel Corporation 2007. All rights reserved. Atmel (R), logo and combinations thereof, and others are registered trademarks. Everywhere You Are SM, and others are the trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
6542BS-SPD-02May07


▲Up To Search▲   

 
Price & Availability of AT90SC28872RCU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X