Part Number Hot Search : 
P50LM0 FR306 X2832LG CS4340 AN1282 PC100 2N2894 BUW11W
Product Description
Full Text Search
 

To Download AD9355 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WiMAX/WiBro RF MxFE MISO Transceiver AD9355
FEATURES
RF transceiver with integrated ADCs and DACs IEEE 802.16 WiMAX/WiBro Dual receivers, single transmitter Operating band: 3.3 GHz to 3.8 GHz 3.5 MHz < BW < 10 MHz Superior receiver sensitivity with NF < 3.5 dB Manual Rx gain or autonomous AGC mode Highly linear and spectrally pure transmitter Tx EVM = -38 dB Tx noise floor < -134 dBm/Hz at fOFFSET > 22 MHz Tx power control range of 58 dB, resolution of 0.25 dB Integrated fractional-N synthesizer 10 Hz LO step size LO integrated phase noise < 0.5rms Automatic frequency correction < 0.012 ppm Industry-standard JESD-207 digital interface
FUNCTIONAL BLOCK DIAGRAM
AD9355
2 RX1_N, RX1_P ADC
FILTER
ADC
TXNRX
DATA INTERFACE
FILTER
2 RX2_N, RX2_P
ADC
10 D[9:0]
ADC PW_DET 2 TX_N, TX_P DAC RADIO SWITCHING* (GPO0 TO GPO3) 4 GPO LDOs
DATA_CLK
FILTER
DAC
DV/FB_CLK
ADC
DAC
4 SPI PORT CTRL 2 CTRL_OUT[1:0]
LO SYNTH
REFCLK XTALP XTALN
07633-001
APPLICATIONS
BWA/WiMAX/WiBro CPEs USB dongles/minicards Pico and femto base stations Proprietary radio systems
AUXADC
AUXDAC
*RADIO SWITCHING IS ONE POSSIBLE USE FOR THE GPO PINS.
Figure 1.
GENERAL DESCRIPTION
The AD9355 is a radio frequency (RF) transceiver with a single transmitter and dual receivers fully integrated into the device. This allows the part to be used for mobile and fixed WiMAX/WiBro wireless network systems. By incorporating an RF MxFETM, the AD9355 offers the combination of an RF front end and a mixedsignal baseband, enabling an easy-to-use JESD-207-compliant digital interface to the baseband application-specific integrated circuit (ASIC) or field-programmable gate array (FPGA). In addition, the AD9355 operates in the 3.3 GHz to 3.8 GHz range, covering most of the licensed and unlicensed bands. Channel bandwidths of 3.5 MHz, 4.375 MHz, 5 MHz, 7 MHz, 8.75 MHz, and 10 MHz are supported. The direct-conversion receivers have state-of-the-art noise figure (NF) and linearity and, with the exception of baluns, do not require external components. The complete RF subsystem integrates autonomous automatic gain control (AGC) loops and dc offset corrections, thus eliminating the need for high speed interaction with the baseband processor. The received signal is digitized with a set of four analog-to-digital converters (ADCs) with high dynamic range. Decimation and
Rev. Sp0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
channel filters produce a 10-bit output signal at the appropriate sample rate determined by the bandwidth mode. The transmit path interpolates 10-bit input data before converting it to the analog domain, and then upconverting it to the carrier frequency. The highly linear transmit path has excellent spectral purity with sideband noise less than -134 dBm/Hz at 22 MHz offset, and it offers an error vector magnitude (EVM) of -38 dB at 0 dBm output power. The transmit power is detected by an accurate power detector with a range of more than 40 dB and 0.5 dB steps. The output power can be calibrated at the factory by a single measurement. The reference frequency is produced by an internal digitally controlled crystal oscillator (DCXO) that has a programmable frequency offset correction with a resolution of 0.012 ppm, thus reducing the total bill of materials (BOM) of the device. An internal auxiliary ADC and an auxiliary digital-to-analog converter (DAC) are available for system monitoring and control. Four general-purpose I/Os are also included and can be register programmed or automatically sequenced by a userdefined state machine. Mode control is via a 3- or 4-wire serial port and four real-time I/O control pins. The AD9355 is powered either from a single 3.3 V supply or, for power savings, from dual supplies and contains on-chip low dropout (LDO) regulators. The AD9355 is packaged in an 8 mm x 8 mm, 56-lead lead frame chip scale package (LFCSP).
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c)2008 Analog Devices, Inc. All rights reserved.
AD9355 NOTES
(c)2008 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D07633F-0-7/08(Sp0)
Rev. Sp0 | Page 2 of 2


▲Up To Search▲   

 
Price & Availability of AD9355

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X