Part Number Hot Search : 
SB1508 X0402MF 726LS 66HDS0 TA0288A K4H560 CO700 TDA9331H
Product Description
Full Text Search
 

To Download ACT9300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tel: 0044 (0)118 979 1238 Fax: 0044 (0)118 979 1283 E-mail: info@actcrystals.com
ACT9300
The ACT9300 family is a miniature low profile Surface Mount package, housed in a ceramic leadless chip carrier with a seam welded metal lid for high reliability and long term stability. The metal lid is grounded via the package to assist with EMI emission control. This 5x3.2mm packaged device is available in 1.8 ~ 5.0 volt supply voltages and is suitable for a wide range of applications. Taped and reeled packaging and loose quantities are available for purchase, to suit high and low volume requirements. The pads are gold plated on all surfaces to allow a variety of assembly processes, including wire bonding. The device is TTL/HCMOS compatible.
Specification
Parameter
Supply Voltage Frequency Range Frequency Stability Temp Operating Range Temp Storage Range Supply Current (max) 1.544 to 9.999MHz 10.000 to 34.999MHz 35.000 to 49.999MHz 50.000 to 125.000MHz Rise & Fall Time (max) Duty Cycle Output Level `0' Output Level `1' Output Load Start-up Time TrTf Tw/t VOL VOH N/CL Tosc No Connection Tri-state Input Voltage VIH : 90% of VDD VIL : 10% of VDD Aging Reflow Profile Period Jitter (Absolute) Period Jitter (one sigma) Tj Tj Fa
Symbol
VDD fo f/fo Topr Tstg Iop 6mA 7mA 15mA 25mA 5nS 7mA 8mA 20mA 30mA 6nS 1.8VDC10%
Specification
2.5VDC10% 3.3VDC 10% 5.0VDC10% Please specify Please specify Please specify Please specify 1.544 to 125.000MHz 25, 50 or 100ppm (15ppm please enquire) 0 ~ +70C ( -20 ~ 70C, -40 ~ +85C option ) -55 to +125C 8mA 10mA 25mA 35mA 7nS 15mA 20mA 35mA 40mA 5nS Please specify
40/60% ( Options 45/55% & 47.5/52.5% ) @ 1 / 2 Vdd 10% VDD max (HCMOS) 90% VDD min (HCMOS) 30pf Max ( 15pf typ ) 10mS max Enable output Enable output Disable output : High Impedance 5 ppm per year. max @25C 10 secs @ 260C Max
100ps ( Max ) 25ps ( Max )
Pad surface material Au
APPLICATIONS: -Microprocessor clock, -PDA/Notebook, -Wireless applications, -Audio, -Gigabit ethernet -Fibre channel, Instrumentation Please note that all parameters can not necessarily be specified in the same device
Customer to Specify : Frequency, Frequency Stability, Operating Temperature Range, Output Type, Output enable, Voltage, Duty Cycle In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
1 of 2
Issue 5 H2 Date 29/07/2006
Tel: 0044 (0)118 979 1238 Fax: 0044 (0)118 979 1283 E-mail: info@actcrystals.com
ACT9300 TAPE DIMENSIONS (mm)
A B
D F C
A 1.5 B 4.0 C 8.0 D 5.5 E 12.0 F 1.5
ACT9300 REEL DIMENSIONS (mm) 1000 Piece Reels
G 2.5
H 13.5
I 21.6
J K L 60.0 178.0 13.5
M 1.6
REFLOW CONDITIONS
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
Issue 5 H2 Date 29/07/06
http://www.actcrystals.com
2 of 2
E


▲Up To Search▲   

 
Price & Availability of ACT9300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X