Part Number Hot Search : 
B7025M FAN7382N FAN7382N V300A48 ML601J24 FSSH110 N5408 B67385P
Product Description
Full Text Search
 

To Download A54RG-125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722. www.conwin.com
PRODUCT
D AT A
SHEET
CRYSTAL CONTROLLED OSCILLATORS 8 Pin DIP Tri-State ACMOS Clock Oscillators
ABSOLUTE M AXIMUM RATING S
PARAMETER Storage Temperature Supply Voltage UNITS (Vcc) MINIMUM -55 -0.5 NOMINAL MAXIMUM 125 7 UNITS C Vdc TABLE 2.0 (Fo) 10 -20 (Fo) 10 -25 (Fo) 10 -50 (Fo) 10 -100 135 20 135 25 135 50 135 100 MHz ppm MHz ppm MHz ppm MHz ppm 1 TABLE 3.0 MINIMUM 0 (Vcc) (Icc) 4.75 NOMINAL 5.00 -60 -90 -125 -135 -140 MAXIMUM 70 5.25 70 5 1 UNITS C Vdc mA ps rms ps rms dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz TABLE 4.0 NOTE 2 NOTE 1 1 1 TABLE 1.0 NOTE
CW 0540 A54RG 125M
MODEL SPECIFICATIONS : MODEL A54RG
Frequency Range Frequency Tolerance:
A54RG, A51RG, A52RG, A53RG
DESCRIPTION
MODEL A51RG
Frequency Range Frequency Tolerance:
MODEL A52RG
Frequency Range Frequency Tolerance:
MODEL A53RG
Frequency Range Frequency Tolerance:
OPERATING SPECIFIC ATIONS
PARAMETER Operating Temperature Range Supply Voltage Supply Current Jitter (BW=10Hz to 20MHz) Jitter (BW=12kHz to 20MHz) SSB Phase Noise at 10Hz offset SSB Phase Noise at 100Hz offset SSB Phase Noise at 1KHz offset SSB Phase Noise at 10KHz offset SSB Phase Noise at 100KHz offset
The Connor-Winfield A54RG, A51RG, A52RG and A53RG are 5.0V Tri-State CMOS/TTL Compatible Crystal Controlled Oscillators (XO). The A54RG, A51RG, A52RG and A53RG are RoHS Compliant, designed for applications requiring precision clocks.
FEATURES 5.0V OPERATION FREQUENCY RANGE: 10.0 to 135MHz TEMPERATURE RANGE: 0 to70C OVERALL FREQUENCY TOLERANCE: A54RG: 20ppm A51RG: 25ppm A52RG: 50ppm A53RG: 100ppm TRI-STATE ENABLE / DISABLE FUNCTION HERMETICALLY SEALED PACKAGE RoHS COMPLIANT / LEAD FREE
INPUT CHARACTERISTICS
PARAMETER Enable Voltage Disable Voltage Enable / Disable Time (Vih) (Vil) MINIMUM 2.0 NOMINAL MAXIMUM 0.8 100 UNITS Vdc Vdc nS
ACMOS OUTPUT CHARACTERISTICS
PARAMETER LOAD Voltage (High) (Low) Current (High) (Low) Duty Cycle measured at 50% of Vcc Rise / Fall Time measured from 0.5 to 2.5V Start Up Time MINIMUM 4.40 -24 45 NOMINAL MAXIMUM 50 0.44 24 55 1 10 UNITS pF Vdc Vdc mA mA % nS mS
TABLE 5.0 NOTE
(Voh) (Vol) (Ioh) (Ioh)
50 -
ORDERING INFORMATION
3
A54RG
ACMOS CLOCK SERIES
-
125MHz
CENTER FREQUENCY
PACKAG E CHARACTERISTICS
Package Hermetically sealed, metal package.
TABLE 6.0
Specifications subject to change without notice. DATA SHEET #: Ac117 PAGE 1 OF 2 REV: 00 DATE: 11/16/05
aCopyright 2001 Connor-Winfield all rights reserved.
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722.
PRODUCT
D AT A
SHEET
CRYSTAL CONTROLLED OSCILLATORS
Note: 1) Inclusive of calibration, freq uency vs. temperature stabilit y, supply voltage change, load change, shock and vibration, 15 years aging. 2) Oscillator output is enabled with no connect ion on pin1. 3) WARNING! Do not insert osc illator into a hot circuit. Failure to comply will result in damage to oscillator.
Enable / Disable Function
Pin Connections
TABLE 8.0 Connection Enable /Disable Ground Output Vcc
Tri-State Enable / Disable Function (Pin 1) High or Open Low
TABLE 7.0 Output Enable Disable (High Impedance)
Pin 1 2 3 4
Package Outline and Dimensions
Solder Profile
Temperature 260C 260C 220C 180C 150C 120C
Dimensional Tolerance: .005 (.127mm)
0 120 S Max. 10 S 60 S Max. 360 Sec. Max. Time
Test Circuit
Output Waveform
4 1
3 2
50pF
ENABLE/ DISABLE
Specifications subject to change without notice. DATA SHEET #:
Ac117
PAGE
2
OF
2
REV: 00
DATE: 11/16/05
aCopyright 2001 Connor-Winfield all rights reserved.


▲Up To Search▲   

 
Price & Availability of A54RG-125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X