Part Number Hot Search : 
DA103M RT3N66U 2N4859 TC144E IPG20 MP2158 KA78R09 D4602
Product Description
Full Text Search
 

To Download 90SQ040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 90SQ... Series
Vishay High Power Products
Schottky Rectifier, 9 A
FEATURES
* 150 C TJ operation * Low forward voltage drop * High frequency operation
Cathode Anode
* High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance * Guard ring for enhanced ruggedness and long term reliability * Lead (Pb)-free plating * Designed and qualified for industrial level
DO-204AR
DESCRIPTION PRODUCT SUMMARY
IF(AV) VR 9A 30/35/40/45 V
The 90SQ axial leaded Schottky rectifier series has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection.
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL IF(AV) VRRM IFSM VF TJ CHARACTERISTICS Rectangular waveform Range tp = 5 s sine 9 Apk, TJ = 125 C Range VALUES 9 30 to 45 2150 0.42 - 55 to 150 UNITS A V A V C
VOLTAGE RATINGS
PARAMETER Maximum DC reverse voltage Maximum working peak reverse voltage SYMBOL VR VRWM 90SQ030 30 90SQ035 35 90SQ040 40 90SQ045 45 UNITS V
ABSOLUTE MAXIMUM RATINGS
PARAMETER Maximum average forward current See fig. 5 Maximum peak one cycle non-repetitive surge current See fig. 7 Non-repetitive avalanche energy Repetitive avalanche current SYMBOL IF(AV) TEST CONDITIONS 50 % duty cycle at TC = 69 C, rectangular waveform 5 s sine or 3 s rect. pulse IFSM 10 ms sine or 6 ms rect. pulse EAS IAR TJ = 25 C, IAS = 1.8 A, L = 7.4 mH Current decaying linearly to zero in 1 s Frequency limited by, TJ maximum VA = 1.5 x VR typical Following any rated load condition and with rated VRRM applied VALUES 9 2150 340 12 1.8 mJ A A UNITS
Document Number: 93417 Revision: 07-Nov-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 1
90SQ... Series
Vishay High Power Products
ELECTRICAL SPECIFICATIONS
PARAMETER SYMBOL 9A Maximum forward voltage drop See fig. 1 VFM (1) 18 A 9A 18 A Maximum reverse leakage current See fig. 2 Maximum junction capacitance Typical series inductance Maximum voltage rate of change Note (1) Pulse width < 300 s, duty cycle < 2 % IRM (1) CT LS dV/dt TJ = 25 C TJ = 125 C TEST CONDITIONS TJ = 25 C VALUES 0.48 0.57 0.42 0.52 1.75 70 900 10.0 10 000 mA pF nH V/s V UNITS
Schottky Rectifier, 9 A
TJ = 125 C VR = Rated VR
VR = 5 VDC, (test signal range 100 kHz to 1 MHz) 25 C Measured lead to lead 5 mm from body Rated VR
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER Maximum junction and storage temperature range Maximum thermal resistance, junction to lead Typical thermal resistance, junction to air Approximate weight SYMBOL TJ, TStg RthJL RthJA DC operation; see fig. 4 1/8" lead length TEST CONDITIONS VALUES - 55 to 150 8.0 C/W 44 1.4 0.049 90SQ030 Marking device Case style DO-204AR (JEDEC) 90SQ035 90SQ040 90SQ045 g oz. UNITS C
www.vishay.com 2
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93417 Revision: 07-Nov-08
90SQ... Series
Schottky Rectifier, 9 A
Vishay High Power Products
10 00 10 0 T =1 0 C 5 J 1 5C 2 1 0 1 0C 0 1 .1 .0 1 7 5C 5 0C 2 5C
In ta ta e u F rw rd C rre t - IF (A s n nos o a un )
1 0
R v rs C rre t - I (m ) ee e u n A R
10 0
.0 1 0 0
5
11223344 05050505 R v rs V lta e- V (V ee e o g R)
Fig. 2 - Typical Values of Reverse Current vs. Reverse Voltage
T =1 0C J 5
J n tio C p c n e- C (p ) u c n a a ita c F T
10 00
T =1 5C J 2 1 T= 2 5C J
T =2 5C J
.1 0 .1 .2 .3 .4 .5 .6 .7 .8 .9 1 1 1 .1 .2 F rw rdV lta eD p- V (V o a o g ro ) F M
10 0 0
1 0
2 0
3 0
4 0
5 0
R v rs V lta e- V (V ee e o g ) R
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
1 0
T e a Im e a c - Zth L ( C ) h rm l p d n e J /W
D=0 0 .5 D=0 3 .3 D=0 5 .2 1 D=0 7 .1 D=0 8 .0
PM D
=1 in h /8 c
.1
t 1 t2 N te : os 1 D tyfa to D= t / t .u cr 12 2 P a T =P xZ . ek +T JD M th L C J .0 1 .1 1 1 0 10 0
S g P ls in le u e (T e a R s ta c ) h rm l e is n e .0 1 .0 0 1 00 .0 0 01 .0 1 0
t1, R c n u r P ls D ra n(S c n s e ta g la u e u tio eod)
Fig. 4 - Maximum Thermal Impedance ZthJL Characteristics
Document Number: 93417 Revision: 07-Nov-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 3
90SQ... Series
Vishay High Power Products
15 5 A w b C s T m eaue- ( C llo a le a e e p r t r ) 15 4 15 3 15 2 D C 15 1 15 0 =1 in h /8 c 9 5 0 2 4 6 8 1 0 1 2 1 4
0 0 2 4 6 8 1 0 1 2 1 4
Schottky Rectifier, 9 A
6
A e g P w r L s - (W tts v ra e o e o s a)
9S 0Q R J (D ) =8 /W .0 C th L C
5 4
D=0 8 .0 D=0 7 .1 D=0 5 .2 D=0 3 .3 D=0 0 .5
M im 3 R SL it 2 1 D C
A e g F rw rdC rre t - I v ra e o a un (A ) FV (A )
A e g F rw rdC rre t - I v ra e o a un (A ) FV (A )
Fig. 5 - Maximum Allowable Case Temperature vs. Average Forward Current
10000 (A) At Any Rated Load Condition And With Rated VRRM Applied Following Surge
Fig. 6 - Forward Power Loss Characteristics
Non-Repetitive Surge Current - I
FSM
1000
100 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec)
Fig. 7 - Maximum Non-Repetitive Surge Current
L High-speed switch Freewheel diode 40HFL40S02 + Vd = 25 V
D.U.T.
IRFP460 Rg = 25
Current monitor
Fig. 8 - Unclamped Inductive Test Circuit
www.vishay.com 4
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93417 Revision: 07-Nov-08
90SQ... Series
Schottky Rectifier, 9 A
Vishay High Power Products
ORDERING INFORMATION TABLE
Device code
90
1 1 2 3 4 5 -
S
2
Q
3
045
4
TR
5
90 = Current x 10 S = DO-204AR Q = Schottky Q.. series Voltage rating TR = Tape and reel package (1500 pcs) None = Box package (300 pcs) 030 035 040 045 = = = = 30 35 40 45 V V V V
LINKS TO RELATED DOCUMENTS Dimensions Part marking information Packaging information http://www.vishay.com/doc?95243 http://www.vishay.com/doc?95325 http://www.vishay.com/doc?95332
Document Number: 93417 Revision: 07-Nov-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 5
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 90SQ040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X