Part Number Hot Search : 
OPB854A3 D221K T10B220E 80N06 BU2508DF MC2500 AATCC BC846W
Product Description
Full Text Search
 

To Download 440K-A21069 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Interlock Switches
Tongue Switches
Elf Specifications
Standards EN954-1, ISO13849-1, IEC/EN60204-1, NFPA79, EN1088, ISO14119, IEC/ EN60947-5-1, ANSI B11.19, AS4024.1 Cat. 1 Device per EN954-1 Dual channel interlocks suitable for Cat. 3 or 4 systems CE marked for all applicable directives, cULus and BG 1 N.C. or 2 N.C. direct opening action 600V 1.2A 600V 0.4A 10A 5V 5mA DC >2mm (0.078in) (Uimp) 2500V 1 N.O. 3 3.6mm (0.141in) 150mm (5.90in) 60mm (2.36in) with GD2 kit 6N (1.35lb) 160mm (6.29in) per sec 2 Cycle per sec UL approved glass filled polyester Stainless Steel IP67 1 x M16 or quick-disconnect style -20C to +80C (-4F to +176F) 2 x M4 Any position 1,000,000 operations 1,000,000 operations 60g (2.11oz) Red 500V 240V 120V 1.4A 3A 6A 500V 250V 125V 0.55A 1.1A 2.2A
Category
Approvals Safety Contacts Designation/Utilization Cat. A600/AC-15 (Ue) (Ie) N600/DC-13 (Ue) (Ie)
Description
The Elf is a tongue (or key) operated safety interlock switch designed to fit at the leading edge of sliding, hinged or liftoff guards. The Elf 's unique miniature housing (only 75 x 25 x 29mm) makes it the smallest interlock currently available. It is designed for smaller machines such as printers, copiers or domestic machinery which, until now, have been unable to use safety interlocks due to space restrictions.With its dual entry slots and rotatable head, the versatile Elf can offer up to eight different actuator entry options. Operation of the switch is achieved through the insertion of a specially profiled stainless steel key that is permanently mounted to the guard door. The semi-flexible key allows the Elf to be used on small radii doors (60mm or 2.36in). The Elf is available with 2 N.C. or 1 N.O. and 1 N.C. safety contact and conduit entry (1 x M16 or connector style) sealed to IP67 (watertight and dustproof). A blanking plug is supplied for the unused key entry.
Thermal Current (lth) Minimum Current Safety Contact Gap Rtd. Impulse withstand Volt. Auxiliary Contacts Pollution Degree Actuator Travel for Positive Opening Min Operating Radius Break Contact Min Force Max Actuation Speed Max Actuation Frequency Case Material Actuator Material Protection Conduit Entry Operating Temperature Fixing Mounting Mechanical Life Electrical Life Weight Colour
Features
* * * * * Ideal for small, light weight guards The smallest interlock switch available Contacts, 2 N.C. or 1 N.O. & 1 N.C. Eight possible actuator entry points, easy to install Environmental protection: IP67
Conductive pollution occurs, or dry, non conductive pollution occurs which becomes conductive due to condensation.
Applications
Note: Lift-off guards require good alignment when using tongue actuated interlock switches. IMPORTANT: It must not be possible to lift the guard without actuating the interlock. An interlock on either side may be required.
3-2
Interlock Switches
Tongue Switches
Elf Product Selection
Catalogue Number Safety Contacts Auxiliary Contacts BBM/MBB Actuator Flat 90 1 N.C. 1 N.O. BBM GD2 Metal Align. Guide w/Semi-Flex Actuator -- Flat 2 N.C. -- -- 90 GD2 Metal Align. Guide w/Semi-Flex Actuator -- M16 Conduit 440K-E33036 440K-E33040 -- 440K-E33014 440K-E33080 440K-E33041 -- 440K-E33047 M16 Conduit/ 1/2in Adaptor 440K-E33029 440K-E33030 440K-E33031 -- 440K-E33037 440K-E33045 440K-E33046 -- Quick Disconnect 440K-E33074 440K-E33025 440K-E33075 440K-E33076 440K-E33077 440K-E33024 440K-E33078 440K-E33079
Recommended mating cable, 2m (6.5ft). See page 15-10 for details and additional lengths.
889D-F4AC-2
Accessories
Description For Dimensions See Page Catalogue Number
Flat Actuator
14-6
440K-A21014
90 Actuator
14-6
440K-A21006
GD2 Metal Alignment Guide with Semi-Flexible Actuator
14-6
440K-A21030
Alignment Guide
14-6
440K-A21069
Mounting Plate
14-6
440K-A33624
3-3
Interlock Switches
Tongue Switches
Elf Approximate Dimensions--mm (inches)
Dimensions are not intended to be used for installation purposes.
25 (0.98) End Entry 29 (1.14) 4 (0.16) 12.5 (0.49) 75 (2.95)
75 (2.95)
4.5 (0.18)
6 (0.24) 6 (0.24)
17.5 (0.69)
4 (0.16) R 2.1 1 x M16 Front Entry
4.5 (0.18)
12.5 (0.49) 3 (0.12) 16.5 (0.65)
25 (0.98)
18 (0.71)
34.5 (1.36) 36 (1.42)
Typical Wiring Diagrams (shown with guard closed, actuator inserted)
1 N.C. + 1 N.O. 2 N.C.
23 24
11 12
21 22
11 12
1 N.C. + 1 N.O. Connector Pinout 1 Terminal 11 N.C. 12 23 N.O. 4 24
1 N.C. + 1 N.O. (BBM) 6 11/12 23/24 3.8 0mm 6 11/12 21/22
2 N.C. Terminal 11 N.C. 12 21 N.C. 22
2 N.C. 4 0mm
Contact
Contact
2 3
1 4
3 2
Contact Action
Contact Open Contact Closed Actuator withdrawal distance from full insertion
4.2
3-4
13 (0.51)
6 (0.24)
Interlock Switches
Tongue Switches
Elf Application Details
90 actuator
Flat actuator
The head rotates 360 in 90 increments to give 8 possible actuator entry points.
Head Position 1 Top entry
Head Position 2
Head Position 3 Front entry
Head Position 4
Front entry
Side entry
Front entry
8 possible actuator entry points
Bottom entry
GD2 Metal Alignment Guide with semi-flexible actuator
Front entry
Side entry
3-5


▲Up To Search▲   

 
Price & Availability of 440K-A21069

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X