Part Number Hot Search : 
TSAL7400 L1050 STD2805 KBP06M LBT39301 FZT65 ADD5205 00850
Product Description
Full Text Search
 

To Download 2SK3109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOS Field Effect Transistor 2SK3109
Features
+0.1 1.27-0.1
MOSFET
TO-263
30 V
+0.1 1.27-0.1 +0.2 4.57-0.2
Unit: mm
Gate voltage rating
Low on-state resistance RDS(on) = 0.4 MAX. (VGS = 10 V, ID = 5.0 A)
Ciss = 400 pF TYP. (VDS = 10 V, VGS = 0 V) Avalanche capability rated Built-in gate protection diode Surface mount device available
+0.2 5.28-0.2
+0.1 1.27-0.1
0.1max
+0.1 0.81-0.1
2.54 5.08
+0.1 -0.1
+0.2 2.54-0.2
+0.2 15.25-0.2
Low input capacitance
+0.2 8.7-0.2
+0.2 2.54-0.2
+0.2 0.4-0.2
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation TC=25 TA=25 Channel temperature Storage temperature * PW 10 s,Duty Cycle 1% Tch Tstg Symbol VDSS VGSS ID Idp * PD Rating 200 30 10 30 50 1.5 150 -55 to +150 Unit V V A A W
Electrical Characteristics Ta = 25
Parameter Drain cut-off current Gate leakage current Gate to source cut off voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol IDSS IGSS VGS(off) Yfs RDS(on) Ciss Coss Crss ton tr toff tf ID=5.0A,VGS(on)=10V,VDD=100V,RG=10 VDS=10V,VGS=0,f=1MHZ Testconditons VDS=200V,VGS=0 VGS= 30V,VDS=0 VDS=10V,ID=1mA VDS=10V,ID=5.0A VGS=10V,ID=5.0A 2.5 1.5 0.32 400 110 55 12 34 40 20 0.4 pF pF pF ns ns ns ns Min Typ Max 100 10 4.5 Unit A A V S
5.60
1 Gate 2 Drain 3 Source
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK3109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X