Part Number Hot Search : 
N3501 GL861 239315P 12D12 MACH4000 12D12 STK4162 ADUM1286
Product Description
Full Text Search
 

To Download 2SD401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD401
DESCRIPTION With TO-220C package Complement to type 2SB546 Collector current IC=2A Collector-base voltage VCBO=200V APPLICATIONS For use in general purpose power amplifier,vertical output application
PINNING PIN 1 2 3 Base Collector;connected to mounting base DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER
TOR NDU ICO E SEM ANG INCH
CONDITIONS VALUE 200 Collector-base voltage Open emitter Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25ae Open base Open collector 150 5 2 25 150 -55~150
Emitter
UNIT V V V A W ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown votage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=10mA; IB=0 IC=0.5mA; IE=0 IE=0.5mA; IB=0 IC=500m A;IB=50m A VCB=150V; IE=0 VEB=5V; IC=0 IC=0.4A ; VCE=10V IC=0.4A ; VCE=10V 40 5 MIN 150 200 5 TYP.
2SD401
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat ICBO IEBO hFE fT
MAX
UNIT V V V
1.0 50 50 400 |I |I
V A A
hFE classifications R 40-80 O
TOR NDU ICO E SEM ANG INCH
Y G 70-140 120-240 200-400
MHz
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD401
TOR NDU ICO E SEM ANG INCH
Fig.2 Outline dimensions (unindicated tolerance:A 0.10 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD401
TOR NDU ICO E SEM ANG INCH
4


▲Up To Search▲   

 
Price & Availability of 2SD401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X