Part Number Hot Search : 
PIC33EP AC125 FQPF5N15 FR10A04 FR10A04 E222M KTIR0811 RGL41J
Product Description
Full Text Search
 

To Download 2SD2241 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2241
DESCRIPTION With TO-220F package High DC current gain : hFE=2000 (Min) Low saturation voltage Complement to type 2SB1481 DARLINGTON APPLICATIONS With switching applications
PINNING PIN 1 2 3 Base Collector DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER
TOR NDU ICO E SEM ANG INCH
CONDITIONS VALUE 100 Collector-base voltage Open emitter Collector-emitter voltage Open base 100 5 Emitter-base voltage Open collector Collector current Collector current-peak Base current Ta=25ae A A 4 6 0.3 2.0
Emitter
UNIT V V V A A A
PC
Collector dissipation TC=25ae 25 150 -55~150 ae ae
W
Tj Tstg
Junction temperature Storage temperature
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Diode forward voltage CONDITIONS IC=10mA ;IB=0 IC=3A ;IB=6mA IC=3A ;IB=6mA VCB=100V ;IE=0 VEB=5V; IC=0 IC=1.5A ; VCE=2V IC=3A ; VCE=2V IE=1A ; IB=0 2000 1000 MIN 100
2SD2241
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 VECF
TYP.
MAX
UNIT V
1.5 2.0 20 2.5 |I
V V A mA
Switching times ton ts tf
TOR NDU ICO E SEM ANG INCH
2.0 Turn-on time Storage time 0.2 IB1=-IB2=6mA VCCO 30V ,RL=10| Duty cycleU 1% 1.5 Fall time 0.6 |I
V
|I |I
s s s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD2241
TOR NDU ICO E SEM ANG INCH
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2241
TOR NDU ICO E SEM ANG INCH
4
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2241
TOR NDU ICO E SEM ANG INCH
5


▲Up To Search▲   

 
Price & Availability of 2SD2241

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X