Part Number Hot Search : 
2SK1586 LD8293 TEA2024 A106M 21308 4732A BUL1280 72003
Product Description
Full Text Search
 

To Download 2SD1913 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-220F package *Complement to type 2SB1274 *High reliability. *High breakdown voltage *Low saturation voltage. *Wide area of safe operation APPLICATIONS *60V/3A low-frequency power amplifier *General power amplifier applications PINNING
PIN 1 2 3 Base Collector Emitter DESCRIPTION
2SD1913
Fig.1 simplified outline (TO-220F) and symbol
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak TC=25 PC Collector dissipation 2 Tj Tstg Junction temperature Storage temperature 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 60 60 6 3 8 20 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-base breakdown voltage Collector-emitter breakdown voltage Base-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=1mA; IE=0 IC=5mA; RBE=? IE=1mA; IC=0 IC=2A ; IB=0.2A IC=0.5A ; VCE=5V VCB=40V;IE=0 VEB=4V;IC=0 IC=0.5A ; VCE=5V IC=3A ; VCE=5V IC=0.5A ; VCE=5V IE=0 ; VCB=10V; f=1MHz 70 20 MIN 60 60 6 SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT Cob
2SD1913
TYP.
MAX
UNIT V V V
0.4 0.8
1.0 1.0 0.1 0.1 280
V V mA mA
100 40
MHz pF
hFE-1 classifications Q 70-140 R 100-200 S 140-280
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1913
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1913
4


▲Up To Search▲   

 
Price & Availability of 2SD1913

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X