Part Number Hot Search : 
G2SB08 CLL5227A 1N1184R NCS6433 2SB984 TH5R06FP 1N1190E3 GLZJ56
Product Description
Full Text Search
 

To Download 2SD1652 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1652
DESCRIPTION *With TO-3PML package *Built-in damper diode *High breakdown voltage *High speed switching APPLICATIONS *For color TV horizontal deflection output applications
PINNING PIN 1 2 3 DESCRIPTION Base Collector Emitter Fig.1 simplified outline (TO-3PML) and symbol
ABSOLUTE MAXIMUM RATINGS AT Tc=25
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1500 800 6 6 16 60 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER CONDITIONS MIN
2SD1652
SYMBOL
TYP.
MAX
UNIT
V(BR)EBO V(BR)CEO V(BR)CBO VCEsat VBEsat ICBO IEBO hFE fT
Emitter-base breakdown voltage
IE=200mA , IC=0 IC=0.1A; RBE=< IC=5mA; IE=0 IC=5A ;IB=1A IC=5A ;IB=1A VCB=800V; IE=0 VEB=4V; IC=0 IC=1A ; VCE=5V IC=1A ; VCE=10V IF=6A IC=5A;IB1=1A;IB2=-2A VCC=200V;RL=40B
7
V
Collector-emitter breakdown voltage
800
V
Collector-base breakdown voltage
1500
V
Collector-emitter saturation voltage
5.0
V
Base-emitter saturation voltage
1.5
V
Collector cut-off current
10
A
Emitter cut-off current
40
130
mA
DC current gain
8
Transition frequency
3
MHz
VF tf
Diode forward voltage
2.0
V
Fall time
0.4
s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1652
Fig.2 Outline dimensions (unindicated tolerance:0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1652

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X