Part Number Hot Search : 
12A01SS UN6123 STUP036 3SK298 MGFC5 MBRF20 STW5210 75HQ035
Product Description
Full Text Search
 

To Download 2SD1615 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN Silicon Epitaxial Transistor 2SD1615
Transistors
Features
World Standard Miniature Package. Low VCE(sat) VCE(sat) = 0.15 V
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector Current (pulse) *1 Total power dissipation at 25 Junction temperature Storage temperature * 1Pulse Test PW 10ms, Duty Cycle 50%. Ambient Temperature *2 Symbol VCBO VCEO VEBO IC IC PT Tj Tstg Rating 60 50 6 1 2 2.0 150 -55 to +150 Unit V V V A A W
*2 When mounted on ceramic substrate of 16 cm2X 0.7 mm
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current gain * Collector saturation voltage * Base saturation voltage * Base-emitter voltage * Gain bandwidth product Output capacitance * Pulsed: PW 350 is, duty cycle 2% Symbol ICBO IEBO hFE Testconditons VCB = 60 V, IE = 0 A VEB = 6.0 V, IC = 0 A VCE = 2.0 V, IC = 100 mA 135 290 0.15 0.9 600 80 160 19 Min Typ Max 100 100 600 0.3 1.2 700 V V mV MHz pF Unit nA nA
VCE(sat) IC = 1 A, IB = 50 mA VBE(sat) IC = 1 A, IB = 50 mA VBE fT Cob VCE = 2.0 V, IC = 50 mA VCE = 2.0 V, IE = -100 mA VCB = 10 V, IE = 0, f = 1.0 MHz
hFE Classification
Marking hFE GM 135 270 GL 200 400 GK 300 600
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SD1615

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X