Part Number Hot Search : 
W921C841 01901 S9684 D211ERU ZSP400 MKW2543 TK73229 P34BF
Product Description
Full Text Search
 

To Download 2SD1562 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1562 2SD1562A
DESCRIPTION *With TO-220C package *Complement to type 2SB1085/1085A *High transition frequency APPLICATIONS *For low freuqency power amplifier applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Tc=25 )
SYMBOL PARAMETER 2SD1562 VCBO Collector-base voltage 2SD1562A 2SD1562 VCEO Collector-emitter voltage 2SD1562A VEBO IC ICM Emitter-base voltage Collector current Collector current-peak TC=25 PC Collector power dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 1.5 150 -55~150 Open collector Open base 160 5 1.5 3.0 20 W V A A Open emitter 160 120 V CONDITIONS VALUE 120 V UNIT
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER 2SD1562 IC=1mA; IB=0 2SD1562A 2SD1562 IC=50A; IE=0 2SD1562A IE=50A; IC=0 IC=1 A;IB=0.1 A IC=1 A;IB=0.1 A VCB=120V; IE=0 VEB=4V; IC=0 2SD1562 hFE DC current gain 2SD1562A fT COB Transition frequency Output capacitance IE=-0.1A ; VCE=5V IE=0 ; VCB=10V;f=1MHz IC=0.1A ; VCE=5V CONDITIONS
2SD1562 2SD1562A
SYMBOL
MIN 120
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
V 160 120 V 160 5 2.0 1.5 1.0 1.0 60 60 80 20 320 200 MHz pF V V V A A
V(BR)CBO
Collector-base breakdown voltage
V(BR)EBO VCEsat VBEsat ICBO IEBO
Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on saturation voltage Collector cut-off current Emitter cut-off current
hFE classifications
TYPE 2SD1562 2SD1562A
D 60-120 60-120
E 100-200 100-200
F 160-320
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1562 2SD1562A
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1562

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X