Part Number Hot Search : 
ICS85 AEXXXXXX NSM025 SF25I ORP12 LM863 DLQ5258B GMS82512
Product Description
Full Text Search
 

To Download 2SD1433 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1433
DESCRIPTION *With TO-3P(H)IS package *High voltage ,high speed *Low collector saturation voltage APPLICATIONS *Designed for use in TV and CRT horizontal output applications PINNING
PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-3P(H)IS) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25)
SYMBOL VCBO VCEO VEBO IC PD Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Total power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 1500 600 5 7 80 150 -55~150 UNIT V V V A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SD1433
TYP.
MAX
UNIT
VCE(sat)
Collector-emitter saturation voltage
IC=6A; IB=1.2A
5.0
V
VBE(sat) ICBO
Base-emitter saturation voltage
IC=6A; IB=1.2A VCB=500V; IE=0
1.5
V A
Collector cut-off current
10
IEBO
Emitter cut-off current
VEB=5V; IC=0
1
mA
hFE
DC current gain
IC=1A ; VCE=5V
8
fT
Transition freuqency
IC=0.1A ; VCE=10V
3
MHz
COB
Output capacitance
IE=0 ; VCB=10V;f=1.0MHz
165
pF s
tf
Fall time
IC=6A;IB1=1.2A
1.0
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1433
Fig.2 Outline dimensions (unindicated tolerance:0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1433

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X