Part Number Hot Search : 
SMBG16A BZX84C3 KA9260D MAX19 SSFP1N65 SI4738CY 7120W C10H1
Product Description
Full Text Search
 

To Download 2SD1398 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1398
DESCRIPTION *With TO-3PN package *Built-in damper diode *High voltage ,high reliability *High speed switching APPLICATIONS *For TV and CRT display horizontal output applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25)
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1500 800 7 5 120 150 -55~150 UNIT V V V A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL VCEO(SUS) V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE fT VF PARAMETER Collector- emitter sustaining voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Diode forward voltage CONDITIONS IC=100mA; RBE= IC=5mA; IE=0 IE=200mA; IC=0 IC=4A; IB=0.8A IC=4A; IB=0.8A VCB=800V; IE=0 VEB=4V; IC=0 IC=1A ; VCE=5V IC=1A ; VCE=10V IEC=5A 40 8 3 MIN 800 1500 7
2SD1398
TYP.
MAX
UNIT V V V
5.0 1.5 10 130
V V A
mA
MHz 2.0 V
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1398
Fig.2 outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1398

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X