Part Number Hot Search : 
OP184 X28C64E NJU3711D X28C64E 26MB05B LTC691 W541E200 SZB05A0A
Product Description
Full Text Search
 

To Download 2SC6011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC6011/A
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= 200V(Min)-2SC6011 = 200V(Min)-2SC6011A *Good Linearity of hFE *Complement to Type 2SA2151/A
APPLICATIONS *Designed for audio and general purpose applications
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
2SC6011 VCBO Collector-Base Voltage
VCEO
Collector-Emitter Voltage
w w
2SC6011A
2SC6011
scs .i w
VALUE UNIT 200 V 230 200 V 230 6 V 15 A 4 A
.cn mi e
2SC6011A
VEBO
Emitter-Base Voltage
IC
Collector Current-Continuous
IB
B
Base Current-Continuous Collector Power Dissipation @ TC=25 Junction Temperature
PC
160
W
TJ
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC6011/A
TYP.
MAX
UNIT
2SC6011 V(BR)CEO Collector-Emitter Breakdown Voltage 2SC6011A IC= 50mA ; IB= 0
200 V 230
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 5A; IB= 0.5A
B
0.5
V
2SC6011 ICBO Collector Cutoff Current 2SC6011A
VCB= 200V ; IE= 0 10 VCB= 230V ; IE= 0 A
IEBO
Emitter Cutoff Current
VEB= 6V; IC= 0
hFE
DC Current Gain
COB
Output Capacitance
fT
Current-Gain--Bandwidth Product
hFE Classifications O 50-100 P 70-140
w w
Y 90-180
scs .i w
IC= 3A ; VCE= 4V
IE= 0 ; VCB= 10V; ftest= 1.0MHz
IE= -0.5A ; VCE= 12V
.cn mi e
50
10
A
180
270
pF
20
MHz
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC6011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X