Part Number Hot Search : 
TD880 FSQ0765R TS2940CM OP265AD M41ST PN2933 TA8251AH HMC593
Product Description
Full Text Search
 

To Download 2SC4928 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4928
DESCRIPTION *With TO-3PL package *High speed switching *High breakdown voltage,high current APPLICATIONS *Character display horizontal deflection output applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Fig.1 simplified outline (TO-3PL) and symbol Emitter DESCRIPTION
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC IC(surge) PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector surge current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1500 800 6 15 20 150 150 -55~150 UNIT V V V A A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC4928
TYP.
MAX
UNIT
V(BR )CEO
Collector-emitter breakdown voltage
IC=10mA; RBE=
800
V
V(BR )EBO
Emitter-base breakdown voltage
IE=10mA; IC=0
6
V
VCEsat
Collector-emitter saturation voltage
IC=12A ;IB=3A
5.0
V
VBEsat
Base-emitter saturation voltage
IC=12A ;IB=3A
1.5
V
ICES
Collector cut-off current
VCB=1500V; RBE=0
500
A
IEBO
Emitter cut-off current
VEB=6V; IC=0
500
A
hFE
DC current gain
IC=1A ; VCE=5V IC=8A ;IB1=1.4A;IB2-2.5A fH=31.5kHz
38
tf
Fall time
0.5
s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4928
Fig.2 Outline dimensions (unindicated tolerance:0.50 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC4928

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X