Part Number Hot Search : 
NE5230 NE5230 MB8128 74VHC1G D2FK60 2N1613B 224M0 MBR745
Product Description
Full Text Search
 

To Download 2SC4261 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4261
DESCRIPTION *Low Noise *High Gain
APPLICATIONS *Designed for use in UHF local oscillator.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
25
V
VCEO
Collector-Emitter Voltage
15
V
VEBO
Emitter-Base Voltage
3.0
V
IC
Collector Current-Continuous
50
mA
PC
Collector Power Dissipation @TC=25
0.1
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC4261
TYP.
MAX
UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 10A ; IE= 0
25
V A
ICBO
Collector Cutoff Current
VCB= 15V; IE= 0 VCE= 15V; RBE=
0.3
ICEO
Collector Cutoff Current
10
A
IEBO
Emitter Cutoff Current
VEB= 3V; IC= 0
1.0
A
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 20mA ; IB= 4mA
0.3
V
hFE
DC Current Gain
IC= 5mA ; VCE= 5V
50
180
fT
Current-Gain--Bandwidth Product
IC= 20mA ; VCE= 5V
1.8
2.4
GHz
COB
Output Capacitance
IE= 0 ; VCB= 10V;f= 1.0MHz
0.7
1.0
pF
VOSC
Oscillating output voltage
IC= 5mA ; VCC= 5V; f= 930MHz
200
mV
isc Websitewww.iscsemi.cn
2
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4261
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
S-PARAMETERS (Emitter Common) Test Condition VCE = 5V, 100MHz to 1000MHz (100 MHz Step), ZO = 50
IC = 5 mA IC = 10 mA
2SC4261
isc Websitewww.iscsemi.cn
4
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
S-PARAMETERS (Emitter Common)
VCE = 5 V, IC = 5 mA, ZO = 50 Freque. MHz 100 200 300 400 500 600 700 800 900 1000 MAG. 0.718 0.549 0.439 0.381 0.351 0.340 0.337 0.337 0.343 0.359
2SC4261
S11
ANG. -44.8 -78.8 -102.0 -120.8 -135.5 -148.2 -157.8 -165.2 -173.1 -177.9 MAG. 12.498 9.123 6.788 5.348 4.396 3.732 3.240 2.875 2.575 2.355
S21
ANG. 144.9 122.0 108.4 99.3 92.4 86.7 81.7 77.3 73.4 70.0 MAG. 0.026 0.042 0.051 0.060 0.068 0.076 0.085 0.094 0.103 0.112
S12
ANG. 68.8 59.3 57.6 58.5 60.6 62.5 64.3 66.0 67.3 68.4 MAG. 0.895 0.756 0.671 0.626 0.600 0.582 0.569 0.558 0.547 0.538
S22
ANG. -14.6 -20.3 -21.3 -21.5 -21.8 -22.5 -23.3 -24.4 -25.8 -27.2
VCE = 5 V, IC = 10 mA, ZO = 50 Freque. MHz 100 200 300 400 500 600 700 800 900 1000 MAG. 0.553 0.401 0.337 0.314 0.313 0.314 0.327 0.335 0.349 0.354
S11
ANG. -65.2 -103.4 -127.4 -143.9 -155.7 -165.5 -172.2 -177.7 176.8 172.8 MAG. 17.540 11.066 7.723 5.939 4.816 4.052 3.496 3.090 2.753 2.515
S21
ANG. 133.2 111.3 99.9 92.5 86.7 81.8 77.6 73.8 70.1 67.0 MAG. 0.022 0.033 0.043 0.052 0.063 0.073 0.083 0.093 0.103 0.113
S12
ANG. 64.8 61.3 63.9 66.3 68.6 70.1 71.4 72.4 73.0 74.0 MAG. 0.809 0.659 0.598 0.570 0.555 0.545 0.536 0.530 0.523 0.516
S22
ANG. -18.0 -20.0 -18.6 -18.1 -18.2 -18.9 -19.9 -21.0 -22.4 -24.0
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
Y-PARAMETERS (Emitter Common)
VCE = 5 V, IC = 5 mA Freque. MHz 100 200 300 400 500 600 700 800 900 1000 MAG. 3.035 6.463 10.768 15.089 18.776 22.098 24.568 26.291 28.112 29.685
2SC4261
S11
ANG. 5.491 10.003 12.356 13.186 12.837 11.913 10.731 9.416 7.683 6.751 MAG. 152.256 131.145 103.025 77.334 55.039 37.290 22.802 11.686 2.225 -3.931
S21
ANG. -40.168 -71.318 -90.187 -98.666 -99.977 -98.247 -93.799 -88.266 -82.972 -78.720 MAG. -0.005 -0.015 -0.036 -0.065 -0.090 -0.128 -0.163 -0.193 -0.260 -0.291
S12
ANG. -0.334 -0.679 -1.034 -1.397 -1.767 -2.134 -2.515 -2.890 -3.305 -3.746 MAG. 0.048 0.100 0.191 0.232 0.270 0.347 0.417 0.516 0.614 0.629
S22
ANG. 0.613 1.238 1.804 2.386 2.947 3.555 4.133 4.703 5.354 5.908
VCE = 5 V, IC = 10 mA Freque. MHz 100 200 300 400 500 600 700 800 900 1000 MAG. 5.903 11.583 16.546 20.055 22.491 24.417 26.086 27.193 28.543 28.955
S11
ANG. 7.347 10.820 10.993 10.038 8.943 7.556 6.620 5.569 4.340 3.253 MAG. 243.307 168.225 103.210 61.965 35.421 16.762 5.096 -3.874 -11.095 -15.953
S21
ANG. -103.091 -150.806 -155.623 -145.393 -131.365 -118.513 -107.291 -97.359 -88.952 -81.466 MAG. -0.008 -0.022 -0.045 -0.074 -0.093 -0.133 -0.155 -0.185 -0.248 -0.270
S12
ANG. -0.338 -0.682 -1.041 -1.387 -1.766 -2.138 -2.531 -2.923 -3.349 -3.737 MAG. 0.026 0.128 0.216 0.320 0.316 0.378 0.424 0.469 0.563 0.650
S22
ANG. 0.591 1.254 1.797 2.394 2.917 3.544 4.086 4.659 5.307 5.861
isc Websitewww.iscsemi.cn
6


▲Up To Search▲   

 
Price & Availability of 2SC4261

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X