|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
INCHANGE Semiconductor isc Product Specification isc Silicon NPN Power Transistor 2SC4237 DESCRIPTION *Collector-Emitter Sustaining Voltage: VCEO(SUS)= 800V(Min) *Fast Switching speed APPLICATIONS *Color TV horizontal output applications ABSOLUTE MAXIMUM RATINGS(Ta=25) SYMBOL VCBO VCEO VEBO IC ICM IB B PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage VALUE 1200 800 7 UNIT V V Collector Current-Continuous Collector Current-Peak Base Current-Continuous Base Current-Peak IBM PT TJ Tstg w w scs .i w V 10 A 20 4 A A 8 150 150 -55~150 A W .cn mi e Total Power Dissipation @ TC=25 Junction Temperature Storage Temperature Range THERMAL CHARACTERISTICS SYMBOL Rth j-c PARAMETER Thermal Resistance,Junction to Case MAX 0.83 UNIT /W isc Websitewww.iscsemi.cn INCHANGE Semiconductor isc Product Specification isc Silicon NPN Power Transistor ELECTRICAL CHARACTERISTICS TC=25 unless otherwise specified SYMBOL VCEO(SUS) VCE(sat) VBE(sat) ICBO ICEO IEBO hFE-1 hFE-2 fT PARAMETER Collector-Emitter Sustaining Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain CONDITIONS IC= 0.2A; IB= 0 IC= 5A; IB= 1A B 2SC4237 MIN 800 TYP. MAX UNIT V 1.0 1.5 100 100 100 V V A A A IC= 5A; IB= 1A B At rated Voltage At rated Voltage At rated Voltage IC= 5A ; VCE= 5V Current-Gain--Bandwidth Product Switching times ton tstg tf Turn-on Time Storage Time Fall Time w w scs .i w IC= 1mA ; VCE= 5V IC= 1A ; VCE= 10V .cn mi e 8 5 8 MHz 0.5 3.5 0.3 s s s IC= 5A , IB1= 1A; IB2= -2A RL= 50; VBB2= 4V isc Websitewww.iscsemi.cn 2 INCHANGE Semiconductor isc Product Specification isc Silicon NPN Power Transistor 2SC4237 w w scs .i w .cn mi e isc Websitewww.iscsemi.cn INCHANGE Semiconductor isc Product Specification isc Silicon NPN Power Transistor 2SC4237 w w scs .i w .cn mi e isc Websitewww.iscsemi.cn 4 |
Price & Availability of 2SC4237 |