Part Number Hot Search : 
1100T R3002 A104ERU 0BEEVAE BFQ67F 73001 04504 APT15
Product Description
Full Text Search
 

To Download 2SC4064 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC4064
DESCRIPTION *Low Collector Saturation Voltage : VCE(sat)= 0.35V(Max)@ IC=6A *Collector-Emitter Breakdown Voltage: V(BR)CEO= 50V (Min) *Complement to Type 2SA1567
APPLICATIONS *Designed for use in DC motor driver and general purpose applications
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
w w
scs .i w
VALUE UNIT 50 V 50 V 6 V 12 A 3 A 35 W
.cn mi e
IC
Collector Current-Continuous
IB
B
Base Current-Continuous Collector Power Dissipation @ TC=25 Junction Temperature
PC
TJ
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC4064
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 25mA ; IB= 0
50
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 6A; IB= 0.3A
B
0.35
V A A
ICBO
Collector Cutoff Current
VCB=50V; IE= 0
100
IEBO hFE
Emitter Cutoff Current
VEB= 6V; IC= 0 IC= 6A ; VCE= 1V 50
10
DC Current Gain
fT
Current-Gain--Bandwidth Product
IE= -0.5A ; VCE= 12V
COB
Output Capacitance
Switching times
ton tstg tf
Turn-on Time
Storage Time
Fall Time
w w
scs .i w
IE= 0 ; VCB= 12V;ftest= 1.0MHz
.cn mi e
40
MHz
180
pF
0.6
s s s
IC= 6A ; IB1= -IB2= 0.12A RL= 4;VCC= 24V
1.4
0.4
isc Websitewww.iscsemi.cn
2
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
2SC4064
w w
scs .i w
.cn mi e
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of 2SC4064

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X