Part Number Hot Search : 
C2502 PQ2008 IZ4812S S4014BH TC2000 1N4051 S9683 NJU6623A
Product Description
Full Text Search
 

To Download 2SC3962 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3962
DESCRIPTION *With TO-220C package *High voltage *High speed switching APPLICATIONS *For switching regulator and general purpose applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Collector dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 500 400 7 5 10 2 40 150 -55~150 UNIT V V V A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=25mA ; IB=0 IC=1mA ; IE=0 IE=1mA ; IC=0 IC=2A; IB=0.4A IC=2A; IB=0.4A VCB=500V ;IE=0 VEB=7V; IC=0 IC=0.5A ; VCE=5V 15 MIN 400 500 7
2SC3962
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE
TYP.
MAX
UNIT V V V
0.5 1.3 100 100 50
V V A A
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3962
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC3962

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X